Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2T1 Datasheet(PDF) 1 Page - Avic Technology

Part # 2T1
Description  SOT-23 Plastic-Encapsulate Transistors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVICTEK [Avic Technology]
Direct Link  
Logo AVICTEK - Avic Technology

2T1 Datasheet(HTML) 1 Page - Avic Technology

  2T1 Datasheet HTML 1Page - Avic Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1. 3
2. 4
SOT-23 Plastic-Encapsulate Transistors
AV9012LT1
TRANSISTOR (PNP)
FEATURES
Power dissipation
PCM:
0.3
W (Tamb=25
℃)
Collector current
ICM:
-0.5
A
Collector-base voltage
V(BR)CBO:
-40
V
Operating and storage junction temperature range
TJ, Tstg: -55
℃ to +150℃
ELECTRICAL
CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic= -100
µA, IE=0
-40
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic= -1mA, IB=0
-25
V
Emitter-base breakdown voltage
V(BR)EBO
IE=-100µA, IC=0
-5
V
Collector cut-off current
ICBO
VCB=-40 V, IE=0
-0.1
µA
Collector cut-off current
ICEO
VCE=-20V, IB=0
-0.1
µA
Emitter cut-off current
IEBO
VEB= -5V, IC=0
-0.1
µA
hFE(1)
VCE=-1V, IC= -50mA
120
400
DC current gain
hFE(2)
VCE=-1V, IC=-500mA
40
Collector-emitter saturation voltage
VCE(sat)
IC=-500 mA, IB= -50mA
-0.6
V
Base-emitter saturation voltage
VBE(sat)
IC=-500 mA, IB= -50mA
-1.2
V
Transition frequency
fT
VCE=-6V, IC= -20mA
f=30MHz
150
MHz
CLASSIFICATION OF
hFE(1)
Rank
L
H
J
Range
120-200
200-350
300-400
DEVICE MARKING
S9012LT1=2T1
Unit: mm
SOT-23
1. BASE
2. EMITTER
3. COLLECTOR
Copyright @vic Electronics Corp.
Website http://www.avictek.com
@vic


Similar Part No. - 2T1

ManufacturerPart #DatasheetDescription
logo
EXCEL CELL ELECTRONIC C...
2T1013 ECE-2T1013 Datasheet
314Kb / 2P
   Stepping Motor
2T1014 ECE-2T1014 Datasheet
281Kb / 2P
   Stepping Motor
logo
Texas Instruments
2T13K33MDBVREPG4 TI1-2T13K33MDBVREPG4 Datasheet
452Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
logo
EXCEL CELL ELECTRONIC C...
2T1513 ECE-2T1513 Datasheet
715Kb / 2P
   Stepping Motor
2T1515 ECE-2T1515 Datasheet
424Kb / 2P
   Stepping Motor
More results

Similar Description - 2T1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
S9014LT1 ETC-S9014LT1 Datasheet
1Mb / 2P
   SOT-23 Plastic-Encapsulate Transistors
logo
Avic Technology
AV9015LT1 AVICTEK-AV9015LT1 Datasheet
37Kb / 1P
   SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu High diode Semi...
2SC2412 HDSEMI-2SC2412 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC848 HDSEMI-BC848 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
S8550-SOT-23 HDSEMI-S8550-SOT-23 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC817B HDSEMI-BC817B Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
BC847 HDSEMI-BC847 Datasheet
2Mb / 5P
   SOT-23 Plastic-Encapsulate Transistors
MMBTA06 HDSEMI-MMBTA06 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
S8050 HDSEMI-S8050 Datasheet
1Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
SS8050-SOT-23 HDSEMI-SS8050-SOT-23 Datasheet
2Mb / 4P
   SOT-23 Plastic-Encapsulate Transistors
logo
Jiangsu Changjiang Elec...
2SB709A JIANGSU-2SB709A Datasheet
662Kb / 4P
   SOT-23 Plastic-Encapsulate Transistors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com