Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TZY2Z2R5AC01B00 Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd

Part # TZY2Z2R5AC01B00
Description  Small and thin size with external dimensions of 2.5(W)x3.2(L)x1.25max.(H)mm.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

TZY2Z2R5AC01B00 Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd

  TZY2Z2R5AC01B00 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd TZY2Z2R5AC01B00 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd TZY2Z2R5AC01B00 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Product Search Data Sheet
TZY2Z2R5AC01B00
Note: This datasheet may be out of date.
Please download the latest datasheet of TZY2Z2R5AC01B00 from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en/products/productdetail?partno=TZY2Z2R5AC01B00
Attention
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last updated06/21/2022
Specifications
Shape
SMD
Operating Temperature
Range
-25
℃ to 85℃
Thickness
1.25mm
Thickness
 Tolerance
max.
Rated Voltage
25Vdc
Cmin.(max.)
1pF
Cmax.
2.5pF
Cmax. Tolerance
+100/-0%
Adjustment Direction
Top
TC
NP0±300ppm/
Q
200min. at 200MHz, Cmax.
Withstanding Voltage
55Vdc
Insulation Resistance(min.)
10000MΩ
Torque
0.7 to 4.9mNm
Mass
0.032g
2 of 3


Similar Part No. - TZY2Z2R5AC01B00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TZY2Z2R5AC01B00 MURATA-TZY2Z2R5AC01B00 Datasheet
198Kb / 3P
   New shape of cover can improve the flux invasion compared with current products
More results

Similar Description - TZY2Z2R5AC01B00

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
TZY2Z100AC01B00 MURATA1-TZY2Z100AC01B00_V01 Datasheet
270Kb / 3P
   Small and thin size with external dimensions of 2.5(W)x3.2(L)x1.25max.(H)mm
Last updated06/21/2022
TZY2K450A001B00 MURATA1-TZY2K450A001B00_V01 Datasheet
270Kb / 3P
   Small and thin size with external dimensions of 2.5(W)x3.2(L)x1.25max.(H)mm.
Last updated06/21/2022
TZY2R250A001B00 MURATA1-TZY2R250A001B00_V01 Datasheet
251Kb / 3P
   Small and thin size with external dimensions of 2.5(W)x3.2(L)x1.25max.(H)mm
Last updated06/21/2022
TZY2Z060A001B00 MURATA1-TZY2Z060A001B00_V01 Datasheet
268Kb / 3P
   Small and thin size with external dimensions of 2.5(W)x3.2(L)x1.25max.(H)mm
Last updated06/21/2022
TZY2Z2R5A001R00 MURATA1-TZY2Z2R5A001R00_V01 Datasheet
269Kb / 3P
   Small and thin size with external dimensions of 2.5(W)x3.2(L)x1.25max.(H)mm.
Last updated06/21/2022
TZY2Z100AC01R00 MURATA1-TZY2Z100AC01R00_V01 Datasheet
269Kb / 3P
   Small and thin size with external dimensions of 2.5(W)x3.2(L)x1.25max.(H)mm
Last updated06/21/2022
TZY2R200A001R00 MURATA1-TZY2R200A001R00_V01 Datasheet
271Kb / 3P
   Small and thin size with external dimensions of 2.5(W)x3.2(L)x1.25max.(H)mm.
Last updated06/21/2022
TZY2R200AC01B00 MURATA1-TZY2R200AC01B00_V01 Datasheet
271Kb / 3P
   Small and thin size with external dimensions of 2.5(W)x3.2(L)x1.25max.(H)mm.
Last updated06/21/2022
TZY2Z030AC01R00 MURATA1-TZY2Z030AC01R00_V01 Datasheet
249Kb / 3P
   Small and thin size with external dimensions of 2.5(W)x3.2(L)x1.25max.(H)mm.
Last updated06/21/2022
TZY2Z2R5A001B00 MURATA1-TZY2Z2R5A001B00_V01 Datasheet
269Kb / 3P
   Small and thin size with external dimensions of 2.5(W)x3.2(L)x1.25max.(H)mm
Last updated06/21/2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com