Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

F3L150R07W2H3_B11 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # F3L150R07W2H3_B11
Description  EasyPACK??module with Trench/Fieldstop IGBT H3 and rapid diode and PressFIT / NTC
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

F3L150R07W2H3_B11 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button F3L150R07W2H3_B11 Datasheet HTML 7Page - Infineon Technologies AG F3L150R07W2H3_B11 Datasheet HTML 8Page - Infineon Technologies AG F3L150R07W2H3_B11 Datasheet HTML 9Page - Infineon Technologies AG F3L150R07W2H3_B11 Datasheet HTML 10Page - Infineon Technologies AG F3L150R07W2H3_B11 Datasheet HTML 11Page - Infineon Technologies AG F3L150R07W2H3_B11 Datasheet HTML 12Page - Infineon Technologies AG F3L150R07W2H3_B11 Datasheet HTML 13Page - Infineon Technologies AG F3L150R07W2H3_B11 Datasheet HTML 14Page - Infineon Technologies AG F3L150R07W2H3_B11 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Switching losses (typical), IGBT, T1 / T4
E = f(RG)
IC = 150 A, VCE = 300 V, VGE = ± 15 V
Switching times (typical), IGBT, T1 / T4
t = f(IC)
RGoff = 7.5 Ω, RGon = 7.5 Ω, VCE = 300 V, VGE = ± 15 V, Tvj =
150 °C
0
10
20
30
40
50
60
70
80
0
5
10
15
20
25
30
35
40
45
50
0
50
100
150
200
250
300
0.01
0.1
1
10
Switching times (typical), IGBT, T1 / T4
t = f(RG)
IC = 150 A, VCE = 300 V, VGE = ± 15 V, Tvj = 150 °C
Transient thermal impedance , IGBT, T1 / T4
Zth = f(t)
0
10
20
30
40
50
60
70
80
0.01
0.1
1
10
0.001
0.01
0.1
1
10
0.01
0.1
1
F3L150R07W2H3_B11
EasyPACKmodule
8 Characteristics diagrams
Datasheet
11
Revision 1.00
2021-12-13


Similar Part No. - F3L150R07W2H3_B11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
F3L150R07W2E3_B11 INFINEON-F3L150R07W2E3_B11 Datasheet
666Kb / 10P
   EasyPACK module with Trench/Fieldstopp IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-04-10 revision:2.0
F3L150R07W2E3_B11 INFINEON-F3L150R07W2E3_B11 Datasheet
836Kb / 11P
   EasyPACK Modul mit Trench/Feldstopp IGBT3 und Emitter Controlled 3 Diode und PressFIT / NTC
2013-11-05 revision:2.1
F3L150R07W2E3_B11 INFINEON-F3L150R07W2E3_B11_13 Datasheet
836Kb / 11P
   EasyPACK Modul mit Trench/Feldstopp IGBT3 und Emitter Controlled 3 Diode und PressFIT / NTC
2013-11-05 revision:2.1
More results

Similar Description - F3L150R07W2H3_B11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
F3L100R07W2H3_B11 INFINEON-F3L100R07W2H3_B11 Datasheet
790Kb / 22P
   EasyPACK??module with Trench/Fieldstop IGBT H3 and rapid diode and PressFIT / NTC
Revision 1.00 2021-12-09
DF200R07W2H3_B77 INFINEON-DF200R07W2H3_B77 Datasheet
743Kb / 20P
   EasyPACK??2B module with Trench/Fieldstop IGBT H3 and rapid diode and PressFIT / NTC
Revision 1.00 2021-11-15
DF300R07W2H3_B77 INFINEON-DF300R07W2H3_B77 Datasheet
745Kb / 20P
   EasyPACK??2B module with Trench/Fieldstop IGBT H3 and rapid diode and PressFIT / NTC
Revision 1.00 2021-11-15
DF200R12W1H3F_B11 INFINEON-DF200R12W1H3F_B11 Datasheet
857Kb / 11P
   EasyPACK module with fast Trench/Fieldstop High-Speed 3 IGBT and SiC diode and PressFIT / NTC
V 3.1 2017-03-31
FS35R12W1T4_B11 INFINEON-FS35R12W1T4_B11 Datasheet
571Kb / 9P
   EasyPACK module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and PressFIT / NTC
2010-08-09 revision:2.0
FS50R12W2T4_B11 INFINEON-FS50R12W2T4_B11 Datasheet
637Kb / 9P
   EasyPACK module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and PressFIT / NTC
2009-11-12 rev 2.1
FS75R07W2E3_B11A INFINEON-FS75R07W2E3_B11A Datasheet
529Kb / 9P
   EasyPACK module with Trench/Fieldstop IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
revision:3.0 2012-01-27
FS30R06W1E3_B11 INFINEON-FS30R06W1E3_B11 Datasheet
571Kb / 9P
   EasyPACK module with Trench/Fieldstop IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-07-29 revision:2.0
FS50R06W1E3_B11 INFINEON-FS50R06W1E3_B11 Datasheet
568Kb / 9P
   EasyPACK module with Trench/Fieldstop IGBT3 and Emitter Controlled 3 diode and PressFIT / NTC
2010-08-09 revision:2.0
FS75R12W2T4 INFINEON-FS75R12W2T4 Datasheet
494Kb / 9P
   EasyPACK module with Trench/Fieldstop IGBT4 and Emitter Controlled 4 diode and PressFIT / NTC
2009-10-30 rev 2.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com