Electronic Components Datasheet Search |
|
F3L150R07W2H3_B11 Datasheet(PDF) 6 Page - Infineon Technologies AG |
|
|
F3L150R07W2H3_B11 Datasheet(HTML) 6 Page - Infineon Technologies AG |
6 / 22 page Table 6 (continued) Characteristic values Parameter Symbol Note or test condition Values Unit Min. Typ. Max. Turn-on energy loss per pulse Eon IC = 150 A, VCE = 300 V, Lσ = 35 nH, VGE = ±15 V, RGon = 1.5 Ω, di/dt = 4500 A/µs (Tvj = 150 °C) Tvj = 25 °C 0.341 mJ Tvj = 125 °C 0.629 Tvj = 150 °C 0.719 Turn-off energy loss per pulse Eoff IC = 150 A, VCE = 300 V, Lσ = 35 nH, VGE = ±15 V, RGoff = 1.5 Ω, dv/dt = 3900 V/µs (Tvj = 150 °C) Tvj = 25 °C 3.5 mJ Tvj = 125 °C 4.66 Tvj = 150 °C 4.98 Thermal resistance, junction to heat sink RthJH per IGBT 0.771 K/W Temperature under switching conditions Tvj op -40 150 °C 4 Diode, D1 / D4 Table 7 Maximum rated values Parameter Symbol Note or test condition Values Unit Repetitive peak reverse voltage VRRM Tvj = 25 °C 650 V Continuous DC forward current IF 100 A Repetitive peak forward current IFRM tP = 1 ms 200 A I2t - value I2t VR = 0 V, tP = 10 ms Tvj = 125 °C 1750 A²s Tvj = 150 °C 1650 Table 8 Characteristic values Parameter Symbol Note or test condition Values Unit Min. Typ. Max. Forward voltage VF IF = 100 A, VGE = 0 V Tvj = 25 °C 1.55 1.95 V Tvj = 125 °C 1.50 Tvj = 150 °C 1.45 Peak reverse recovery current IRM IF = 100 A, VR = 300 V, VGE = -15 V, -diF/dt = 4400 A/µs (Tvj = 150 °C) Tvj = 25 °C 92.4 A Tvj = 125 °C 102 Tvj = 150 °C 106 (table continues...) F3L150R07W2H3_B11 EasyPACK™ module 4 Diode, D1 / D4 Datasheet 6 Revision 1.00 2021-12-13 |
Similar Part No. - F3L150R07W2H3_B11 |
|
Similar Description - F3L150R07W2H3_B11 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |