Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLA31BD471SN4J Datasheet(PDF) 2 Page - Murata Manufacturing Co., Ltd

Part # BLA31BD471SN4J
Description  BLA31A/B have 4 circuits in 3.2횞1.6mm body with 0.8mm pitch.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

BLA31BD471SN4J Datasheet(HTML) 2 Page - Murata Manufacturing Co., Ltd

  BLA31BD471SN4J Datasheet HTML 1Page - Murata Manufacturing Co., Ltd BLA31BD471SN4J Datasheet HTML 2Page - Murata Manufacturing Co., Ltd BLA31BD471SN4J Datasheet HTML 3Page - Murata Manufacturing Co., Ltd BLA31BD471SN4J Datasheet HTML 4Page - Murata Manufacturing Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Product Search Data Sheet
BLA31BD471SN4#
“#” indicates a package specification code.
Note: This datasheet may be out of date.
Please download the latest datasheet of BLA31BD471SN4# from the official website of Murata
Manufacturing Co., Ltd.
http://www.murata.com/en/products/productdetail?partno=BLA31BD471SN4%23
Attention
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : https://www.murata.com/
Last updated06/21/2022
Features
The miniaturize of electronic equipment
requires high performance EMI filters which
enables high density mounting. BLA31A/B series
consists of 4 circuit of ferrite bead inductor.
BLA31A/B is suitable for EMi suppression in smaller
digital equipment.
★FEATURES
1. BLA31A/B have 4 circuits in 3.2×1.6mm body with
0.8mm pitch.
2. Provides attenuation across a broad frequency
range. Two types of impedance are available
which meets general signal line and high speed
signal line.
3. Original inner electrode structure enables extra
low crosstalk.
4. The nickel barrier structure of the extermal
electrodes provides excellent solder heat
resistance. Both flow and reflow soldering
methods can employed.
2 of 4


Similar Part No. - BLA31BD471SN4J

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLA31BD471SN4J MURATA-BLA31BD471SN4J Datasheet
133Kb / 4P
EMIFIL (Inductor type) Chip Ferrite Bead (Array) BLA31A/BLA31B Series (1206 Size)
More results

Similar Description - BLA31BD471SN4J

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
BLA31AG102SN4 MURATA1-BLA31AG102SN4_V01 Datasheet
268Kb / 4P
BLA31A/B has 4 circuits in 3.2x1.6mm body with 0.8mm pitch
Last updated06/21/2022
BLA31AG121SN4 MURATA1-BLA31AG121SN4_V01 Datasheet
267Kb / 4P
BLA31A/B has 4 circuits in 3.2x1.6mm body with 0.8mm pitch.
Last updated06/21/2022
BLA31AG221SN4 MURATA1-BLA31AG221SN4_V01 Datasheet
273Kb / 4P
BLA31A/B has 4 circuits in 3.2x1.6mm body with 0.8mm pitch.
Last updated06/21/2022
BLA31AG300SN4 MURATA1-BLA31AG300SN4_V01 Datasheet
266Kb / 4P
BLA31A/B has 4 circuits in 3.2x1.6mm body with 0.8mm pitch.
Last updated06/21/2022
BLA31AG600SN4 MURATA1-BLA31AG600SN4_V01 Datasheet
267Kb / 4P
BLA31A/B has 4 circuits in 3.2x1.6mm body with 0.8mm pitch.
Last updated06/21/2022
BLA31AG601SN4 MURATA1-BLA31AG601SN4_V01 Datasheet
268Kb / 4P
BLA31A/B has 4 circuits in 3.2x1.6mm body with 0.8mm pitch
Last updated06/21/2022
BLA31BD102SN4 MURATA1-BLA31BD102SN4_V01 Datasheet
300Kb / 4P
BLA31A/B have 4 circuits in 3.2횞1.6mm body with 0.8mm pitch.
Last updated06/21/2022
BLA31BD121SN4 MURATA1-BLA31BD121SN4_V01 Datasheet
299Kb / 4P
BLA31A/B have 4 circuits in 3.2횞1.6mm body with 0.8mm pitch.
Last updated06/21/2022
BLA31BD221SN4 MURATA1-BLA31BD221SN4_V01 Datasheet
296Kb / 4P
BLA31A/B have 4 circuits in 3.2횞1.6mm body with 0.8mm pitch.
Last updated06/21/2022
BLA31BD601SN4 MURATA1-BLA31BD601SN4_V01 Datasheet
294Kb / 4P
BLA31A/B have 4 circuits in 3.2횞1.6mm body with 0.8mm pitch.
Last updated06/21/2022
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com