Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNY278PN Datasheet(PDF) 14 Page - Power Integrations, Inc.

Part # TNY278PN
Description  Energy Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY278PN Datasheet(HTML) 14 Page - Power Integrations, Inc.

Back Button TNY278PN Datasheet HTML 10Page - Power Integrations, Inc. TNY278PN Datasheet HTML 11Page - Power Integrations, Inc. TNY278PN Datasheet HTML 12Page - Power Integrations, Inc. TNY278PN Datasheet HTML 13Page - Power Integrations, Inc. TNY278PN Datasheet HTML 14Page - Power Integrations, Inc. TNY278PN Datasheet HTML 15Page - Power Integrations, Inc. TNY278PN Datasheet HTML 16Page - Power Integrations, Inc. TNY278PN Datasheet HTML 17Page - Power Integrations, Inc. TNY278PN Datasheet HTML 18Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
14 E2/06
TNY274-280
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -40 to 125 °C
See Figure 16
(Unless Otherwise Specified)
Min
Typ
Max
Units
CONTROL FUNCTIONS (cont.)
BP/M Pin Charge
Current
I
CH1
V
BP/M = 0 V,
T
J = 25 °C
See Note C, D
TNY274
-6
-3.8
-1.8
mA
TNY275-279
-8.3
-5.4
-2.5
TNY280
-9.7
-6.8
-3.9
I
CH2
V
BP/M = 4 V,
T
J = 25 °C
See Note C, D
TNY274
-4.1
-2.3
-1
TNY275-279
-5
-3.5
-1.5
TNY280
-6.6
-4.6
-2.1
BP/M Pin Voltage
V
BP/M
See Note C
5.6
5.85
6.15
V
BP/M Pin Voltage
Hysteresis
V
BP/MH
0.80
0.95
1.20
V
BP/M Pin Shunt
Voltage
V
SHUNT
I
BP = 2 mA
6.0
6.4
6.7
V
EN/UV Pin Line
Under-Voltage
Threshold
I
LUV
T
J = 25 °C
22.5
25
27.5
µ
A
CIRCUIT PROTECTION
Standard Current
Limit (BP/M
Capacitor =
0.1 µF)
See Note D
I
LIMIT
TNY274
T
J = 25 °C
di/dt = 50 mA/µs
See Note E
233
250
267
mA
TNY275
T
J = 25 °C
di/dt = 55 mA/µs
See Note E
256
275
294
TNY276
T
J = 25 °C
di/dt = 70 mA/µs
See Note E
326
350
374
TNY277
T
J = 25 °C
di/dt = 90 mA/µs
See Note E
419
450
481
TNY278
T
J = 25 °C
di/dt = 110 mA/µs
See Note E
512
550
588
TNY279
T
J = 25 °C
di/dt = 130 mA/µs
See Note E
605
650
695
TNY280
T
J = 25 °C
di/dt = 150 mA/µs
See Note E
698
750
802
Reduced Current
Limit (BP/M
Capacitor = 1 µF)
I
LIMITred
TNY274
T
J = 25 °C
di/dt = 50 mA/µs
See Note E
196
210
233
mA
TNY275
T
J = 25 °C
di/dt = 55 mA/µs
See Note E
233
250
277


Similar Part No. - TNY278PN

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY278PN-TL POWERINT-TNY278PN-TL Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
More results

Similar Description - TNY278PN

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY274-280 POWERINT-TNY274-280 Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
TNY274 POWERINT-TNY274_V01 Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
TNY174 POWERINT-TNY174_V01 Datasheet
1Mb / 22P
   Energy Efficient, Offline Switcher with Enhanced Flexibility and Extended Power Range
September 2020
TNY275PG POWERINT-TNY275PG Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY274 POWERINT-TNY274_09 Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY277PG POWERINT-TNY277PG Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY263 POWERINT-TNY263 Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264 POWERINT-TNY264 Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY263 POWERINT-TNY263_V01 Datasheet
1Mb / 22P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
TNY263 POWERINT-TNY263_04 Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com