Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNY278PN Datasheet(PDF) 13 Page - Power Integrations, Inc.

Part # TNY278PN
Description  Energy Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY278PN Datasheet(HTML) 13 Page - Power Integrations, Inc.

Back Button TNY278PN Datasheet HTML 9Page - Power Integrations, Inc. TNY278PN Datasheet HTML 10Page - Power Integrations, Inc. TNY278PN Datasheet HTML 11Page - Power Integrations, Inc. TNY278PN Datasheet HTML 12Page - Power Integrations, Inc. TNY278PN Datasheet HTML 13Page - Power Integrations, Inc. TNY278PN Datasheet HTML 14Page - Power Integrations, Inc. TNY278PN Datasheet HTML 15Page - Power Integrations, Inc. TNY278PN Datasheet HTML 16Page - Power Integrations, Inc. TNY278PN Datasheet HTML 17Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
13
TNY274-280
E
2/06
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -40 to 125 °C
See Figure 16
(Unless Otherwise Specified)
Min
Typ
Max
Units
CONTROL FUNCTIONS
Output Frequency
in Standard Mode
f
OSC
T
J = 25 °C
See Figure 4
Average
124
132
140
kHz
Peak-Peak Jitter
8
Maximum Duty
Cycle
DC
MAX
S1 Open
62
65
%
EN/UV Pin Upper
Turnoff Threshold
Current
I
DIS
-150
-115
-90
µ
A
EN/UV Pin
Voltage
V
EN
I
EN/UV = 25 µA
1.8
2.2
2.6
V
I
EN/UV = -25 µA
0.8
1.2
1.6
DRAIN Supply
Current
I
S1
EN/UV Current > I
DIS (MOSFET Not
Switching) See Note A
290
µ
A
I
S2
EN/UV Open
(MOSFET
Switching at f
OSC)
See Note B
TNY274
275
360
µ
A
TNY275
295
400
TNY276
310
430
TNY277
365
460
TNY278
445
540
TNY279
510
640
TNY280
630
760
ABSOLUTE MAXIMUM RATINGS(1,5)
DRAIN Voltage ................................................-0.3 V to 700 V
DRAIN Peak Current: TNY274.......................400 (750) mA(2)
TNY275.....................560 (1050) mA(2)
TNY276.....................720 (1350) mA(2)
TNY277.....................880 (1650) mA(2)
TNY278...................1040 (1950) mA(2)
TNY279 ................. 1200 (2250) mA(2)
TNY280 ................. 1360 (2550) mA(2)
EN/UV Voltage ................................................... -0.3 V to 9 V
EN/UV Current ........................................................... 100 mA
BP/M Voltage ......................................................-0.3 V to 9 V
Storage Temperature ......................................-65 °C to 150 °C
Operating Junction Temperature(3) .................-40 °C to 150 °C
Lead Temperature(4) .......................................................260 °C
Notes:
1. All voltages referenced to SOURCE, T
A = 25 °C.
2. The higher peak DRAIN current is allowed while the
DRAIN voltage is simultaneously less than 400 V.
3. Normally limited by internal circuitry.
4. 1/16 in. from case for 5 seconds.
5. Maximum ratings specified may be applied one at a time,
without causing permanent damage to the product.
Exposure to Absolute Maximum Rating conditions for
extended periods of time may affect product reliability.
THERMAL IMPEDANCE
Thermal Impedance: P or G Package:
JA) ........................... 70 °C/W
(2)
; 60 °C/W(3)
JC)
(1)
............................................... 11 °C/W
Notes:
1. Measured on the SOURCE pin close to plastic interface.
2. Soldered to 0.36 sq. in. (232 mm2), 2 oz. (610 g/m2) copper clad.
3. Soldered to 1 sq. in. (645 mm2), 2 oz. (610 g/m2) copper clad.


Similar Part No. - TNY278PN

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY278PN-TL POWERINT-TNY278PN-TL Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
More results

Similar Description - TNY278PN

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY274-280 POWERINT-TNY274-280 Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
TNY274 POWERINT-TNY274_V01 Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
TNY174 POWERINT-TNY174_V01 Datasheet
1Mb / 22P
   Energy Efficient, Offline Switcher with Enhanced Flexibility and Extended Power Range
September 2020
TNY275PG POWERINT-TNY275PG Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY274 POWERINT-TNY274_09 Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY277PG POWERINT-TNY277PG Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY263 POWERINT-TNY263 Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264 POWERINT-TNY264 Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY263 POWERINT-TNY263_V01 Datasheet
1Mb / 22P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
TNY263 POWERINT-TNY263_04 Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com