Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNY278PN Datasheet(PDF) 12 Page - Power Integrations, Inc.

Part # TNY278PN
Description  Energy Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY278PN Datasheet(HTML) 12 Page - Power Integrations, Inc.

Back Button TNY278PN Datasheet HTML 8Page - Power Integrations, Inc. TNY278PN Datasheet HTML 9Page - Power Integrations, Inc. TNY278PN Datasheet HTML 10Page - Power Integrations, Inc. TNY278PN Datasheet HTML 11Page - Power Integrations, Inc. TNY278PN Datasheet HTML 12Page - Power Integrations, Inc. TNY278PN Datasheet HTML 13Page - Power Integrations, Inc. TNY278PN Datasheet HTML 14Page - Power Integrations, Inc. TNY278PN Datasheet HTML 15Page - Power Integrations, Inc. TNY278PN Datasheet HTML 16Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
12 E2/06
TNY274-280
Quick Design Checklist
As with any power supply design, all TinySwitch-III designs
should be verified on the bench to make sure that component
specificationsarenotexceededunderworstcaseconditions. The
following minimum set of tests is strongly recommended:
1. Maximum drain voltage – Verify that V
DS does not exceed
650 V at highest input voltage and peak (overload) output
power. The 50 V margin to the 700 V BV
DSS specification
gives margin for design variation.
2. Maximumdraincurrent–Atmaximumambienttemperature,
maximum input voltage and peak output (overload) power,
verify drain current waveforms for any signs of transformer
saturation and excessive leading edge current spikes at
startup. Repeat under steady state conditions and verify that
the leading edge current spike event is below I
LIMIT(Min)at the
end of the t
LEB(Min). Under all conditions, the maximum drain
current should be below the specified absolute maximum
ratings.
3. Thermal Check – At specified maximum output power,
minimuminputvoltageandmaximumambienttemperature,
verify that the temperature specifications are not exceeded
for TinySwitch-III, transformer, output diode, and output
capacitors. Enough thermal margin should be allowed for
part-to-part variation of the R
DS(ON) of TinySwitch-III as
specifiedinthedatasheet. Underlowline,maximumpower,
a maximum TinySwitch-III SOURCE pin temperature of
110 °C is recommended to allow for these variations.


Similar Part No. - TNY278PN

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY278PN-TL POWERINT-TNY278PN-TL Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
More results

Similar Description - TNY278PN

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY274-280 POWERINT-TNY274-280 Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
TNY274 POWERINT-TNY274_V01 Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
TNY174 POWERINT-TNY174_V01 Datasheet
1Mb / 22P
   Energy Efficient, Offline Switcher with Enhanced Flexibility and Extended Power Range
September 2020
TNY275PG POWERINT-TNY275PG Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY274 POWERINT-TNY274_09 Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY277PG POWERINT-TNY277PG Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY263 POWERINT-TNY263 Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264 POWERINT-TNY264 Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY263 POWERINT-TNY263_V01 Datasheet
1Mb / 22P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
TNY263 POWERINT-TNY263_04 Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com