Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNY278PN Datasheet(PDF) 10 Page - Power Integrations, Inc.

Part # TNY278PN
Description  Energy Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY278PN Datasheet(HTML) 10 Page - Power Integrations, Inc.

Back Button TNY278PN Datasheet HTML 6Page - Power Integrations, Inc. TNY278PN Datasheet HTML 7Page - Power Integrations, Inc. TNY278PN Datasheet HTML 8Page - Power Integrations, Inc. TNY278PN Datasheet HTML 9Page - Power Integrations, Inc. TNY278PN Datasheet HTML 10Page - Power Integrations, Inc. TNY278PN Datasheet HTML 11Page - Power Integrations, Inc. TNY278PN Datasheet HTML 12Page - Power Integrations, Inc. TNY278PN Datasheet HTML 13Page - Power Integrations, Inc. TNY278PN Datasheet HTML 14Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10 E2/06
TNY274-280
For best performance of the OVP function, it is recommended
thatarelativelyhighbiaswindingvoltageisused,intherangeof
15V-30V. This minimizes the error voltage on the bias winding
due to leakage inductance and also ensures adequate voltage
during no-load operation from which to supply the BP/M pin
for reduced no-load consumption.
Selecting the Zener diode voltage to be approximately 6 V
above the bias winding voltage (28 V for 22 V bias winding)
gives good OVP performance for most designs, but can be
adjusted to compensate for variations in leakage inductance.
Adding additional filtering can be achieved by inserting a low
value (10 Ω to 47 Ω) resistor in series with the bias winding
diode and/or the OVP Zener as shown by R7 and R3 in
Figure 14. The resistor in series with the OVPZener also limits
the maximum current into the BP/M pin.
Reducing No-load Consumption
As TinySwitch-III is self-powered from the BP/M pin capacitor,
there is no need for an auxillary or bias winding to be provided
onthetransformerforthispurpose. Typicalno-loadconsumption
whenself-poweredis<150mWat265VACinput. Theaddition
of a bias winding can reduce this down to <50 mWby supplying
theTinySwitch-IIIfromthelowerbiasvoltageandinhibitingthe
internal high voltage current source. To achieve this, select the
value of the resistor (R8 in Figure 14) to provide the data sheet
DRAIN supply current. In practice, due to the reduction of the
bias voltage at low load, start with a value equal to 40% greater
thanthedatasheetmaximumcurrent,andthenincreasethevalue
of the resistor to give the lowest no-load consumption.
Audible Noise
The cycle skipping mode of operation used in TinySwitch-III
can generate audio frequency components in the transformer.
To limit this audible noise generation the transformer should
be designed such that the peak core flux density is below
3000 Gauss (300 mT). Following this guideline and using the
standard transformer production technique of dip varnishing
practically eliminates audible noise. Vacuum impregnation
of the transformer should not be used due to the high primary
capacitanceandincreasedlossesthatresult.Higherfluxdensities
are possible, however careful evaluation of the audible noise
performance should be made using production transformer
samples before approving the design.
Ceramic capacitors that use dielectrics such as Z5U, when used
in clamp circuits, may also generate audio noise. If this is the
case, try replacing them with a capacitor having a different
dielectric or construction, for example a film type.
TinySwitch-lll
Layout Considerations
Layout
See Figure 15 for a recommended circuit board layout for
TinySwitch-III
.
Single Point Grounding
Useasinglepointgroundconnectionfromtheinputfiltercapacitor
to the area of copper connected to the SOURCE pins.
Bypass Capacitor (C
BP)
The BP/M pin capacitor should be located as near as possible
to the BP/M and SOURCE pins.
Primary Loop Area
The area of the primary loop that connects the input filter
capacitor, transformer primary and TinySwitch-III together
should be kept as small as possible.
Primary Clamp Circuit
Aclamp is used to limit peak voltage on the DRAIN pin at turn
off. This can be achieved by using an RCD clamp or a Zener
(~200 V) and diode clamp across the primary winding. In all
cases, to minimize EMI, care should be taken to minimize the
circuit path from the clamp components to the transformer and
TinySwitch-III.
OUTPUT POWER TABLE
PRODUCT
230 VAC ±15%
85-265 VAC
I
LIMIT-1
I
LIMIT
I
LIMIT+1
I
LIMIT-1
I
LIMIT
I
LIMIT+1
TNY274 P or G
9
10.9
9.1
7.1
8.5
7.1
TNY275 P or G
10.8
12
15.1
8.4
9.3
11.8
TNY276 P or G
11.8
15.3
19.4
9.2
11.9
15.1
TNY277 P or G
15.1
19.6
23.7
11.8
15.3
18.5
TNY278 P or G
19.4
24
28
15.1
18.6
21.8
TNY279 P or G
23.7
28.4
32.2
18.5
22
25.2
TNY280 P or G
28
32.7
36.6
21.8
25.4
28.5
Table 2. Minimum Practical Power at Three Selectable Current Limit Levels.


Similar Part No. - TNY278PN

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY278PN-TL POWERINT-TNY278PN-TL Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
More results

Similar Description - TNY278PN

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY274-280 POWERINT-TNY274-280 Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
TNY274 POWERINT-TNY274_V01 Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
TNY174 POWERINT-TNY174_V01 Datasheet
1Mb / 22P
   Energy Efficient, Offline Switcher with Enhanced Flexibility and Extended Power Range
September 2020
TNY275PG POWERINT-TNY275PG Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY274 POWERINT-TNY274_09 Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY277PG POWERINT-TNY277PG Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY263 POWERINT-TNY263 Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264 POWERINT-TNY264 Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY263 POWERINT-TNY263_V01 Datasheet
1Mb / 22P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
TNY263 POWERINT-TNY263_04 Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com