Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNY278PN Datasheet(PDF) 1 Page - Power Integrations, Inc.

Part # TNY278PN
Description  Energy Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY278PN Datasheet(HTML) 1 Page - Power Integrations, Inc.

  TNY278PN Datasheet HTML 1Page - Power Integrations, Inc. TNY278PN Datasheet HTML 2Page - Power Integrations, Inc. TNY278PN Datasheet HTML 3Page - Power Integrations, Inc. TNY278PN Datasheet HTML 4Page - Power Integrations, Inc. TNY278PN Datasheet HTML 5Page - Power Integrations, Inc. TNY278PN Datasheet HTML 6Page - Power Integrations, Inc. TNY278PN Datasheet HTML 7Page - Power Integrations, Inc. TNY278PN Datasheet HTML 8Page - Power Integrations, Inc. TNY278PN Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
TNY274-280
TinySwitch-III
Family
Energy Efficient, Off-Line Switcher with
Enhanced Flexibility and Extended Power Range
Figure 1. Typical Standby Application.
Product Highlights
Lowest System Cost with Enhanced Flexibility
• Simple ON/OFF control, no loop compensation needed
• Selectable current limit through BP/M capacitor value
- Higher current limit extends peak power or, in open
frame applications, maximum continuous power
- Lower current limit improves efficiency in enclosed
adapters/chargers
- Allows optimum TinySwitch-III choice by swapping
devices with no other circuit redesign
• Tight I2f parameter tolerance reduces system cost
- Maximizes MOSFET and magnetics power delivery
- Minimizes max overload power, reducing cost of
transformer, primary clamp & secondary components
• ON-time extension – extends low line regulation range/
hold-up time to reduce input bulk capacitance
• Self-biased: no bias winding or bias components
• Frequency jittering reduces EMI filter costs
• Pin-out simplifies heatsinking to the PCB
• SOURCE pins are electrically quiet for low EMI
Enhanced Safety and Reliability Features
• Accurate hysteretic thermal shutdown protection with
automatic recovery eliminates need for manual reset
• Improved auto-restart delivers <3% of maximum power
in short circuit and open loop fault conditions
• Output overvoltage shutdown with optional Zener
• Line under-voltage detect threshold set using a single
optional resistor
• Very low component count enhances reliability and
enables single-sided printed circuit board layout
• High bandwidth provides fast turn on with no overshoot
and excellent transient load response
• Extended creepage between DRAIN and all other pins
improves field reliability
EcoSmart®
– Extremely Energy Efficient
• Easily meets all global energy efficiency regulations
• No-load <150 mW at 265 VAC without bias winding,
<50 mW with bias winding
• ON/OFF control provides constant efficiency down to
very light loads – ideal for mandatory CEC regulations
and 1 W PC standby requirements
Applications
• Chargers/adapters for cell/cordless phones, PDAs, digital
cameras, MP3/portable audio, shavers, etc.
®
February 2006
Table 1.
Notes: 1. Minimum continuous power in a typical non-
ventilated enclosed adapter measured at 50 °C ambient. Use of an
external heatsink will increase power capability 2. Minimum peak
power capability in any design or minimum continuous power in an
open frame design (see KeyApplication Considerations). 3. Packages:
P: DIP-8C, G: SMD-8C. See Part Ordering Information.
• PC Standby and other auxiliary supplies
• DVD/PVR and other low power set top decoders
• Supplies for appliances, industrial systems, metering, etc.
Description
TinySwitch-III
incorporatesa700VpowerMOSFET,oscillator,
high voltage switched current source, current limit (user
selectable) and thermal shutdown circuitry. The IC family uses
anON/OFFcontrolschemeandoffersadesignflexiblesolution
with a low system cost and extended power capability.
OUTPUT POWER TABLE
PRODUCT3
230 VAC ±15%
85-265 VAC
Adapter1
Peak or
Open
Frame2
Adapter1
Peak or
Open
Frame2
TNY274 P or G
6 W
11 W
5 W
8.5 W
TNY275 P or G 8.5 W
15 W
6 W
11.5 W
TNY276 P or G 10 W
19 W
7 W
15 W
TNY277 P or G 13 W
23.5 W
8 W
18 W
TNY278 P or G 16 W
28 W
10 W
21.5 W
TNY279 P or G 18 W
32 W
12 W
25 W
TNY280 P or G 20 W
36.5 W
14 W
28.5 W
PI-4095-082205
Wide-Range
HV DC Input
D
S
EN/UV
BP/M
+
-
+
-
DC
Output
TinySwitch-III


Similar Part No. - TNY278PN

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY278PN-TL POWERINT-TNY278PN-TL Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
More results

Similar Description - TNY278PN

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY274-280 POWERINT-TNY274-280 Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
TNY274 POWERINT-TNY274_V01 Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
TNY174 POWERINT-TNY174_V01 Datasheet
1Mb / 22P
   Energy Efficient, Offline Switcher with Enhanced Flexibility and Extended Power Range
September 2020
TNY275PG POWERINT-TNY275PG Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY274 POWERINT-TNY274_09 Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY277PG POWERINT-TNY277PG Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY263 POWERINT-TNY263 Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264 POWERINT-TNY264 Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY263 POWERINT-TNY263_V01 Datasheet
1Mb / 22P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
TNY263 POWERINT-TNY263_04 Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com