Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNY278PN Datasheet(PDF) 4 Page - Power Integrations, Inc.

Part # TNY278PN
Description  Energy Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TNY278PN Datasheet(HTML) 4 Page - Power Integrations, Inc.

  TNY278PN Datasheet HTML 1Page - Power Integrations, Inc. TNY278PN Datasheet HTML 2Page - Power Integrations, Inc. TNY278PN Datasheet HTML 3Page - Power Integrations, Inc. TNY278PN Datasheet HTML 4Page - Power Integrations, Inc. TNY278PN Datasheet HTML 5Page - Power Integrations, Inc. TNY278PN Datasheet HTML 6Page - Power Integrations, Inc. TNY278PN Datasheet HTML 7Page - Power Integrations, Inc. TNY278PN Datasheet HTML 8Page - Power Integrations, Inc. TNY278PN Datasheet HTML 9Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4 E2/06
TNY274-280
Figure 5. Auto-Restart Operation.
0
2500
5000
Time (ms)
0
5
0
10
100
200
300
V
DRAIN
V
DC-OUTPUT
In addition, there is a 6.4 V shunt regulator clamping the
BYPASS/MULTI-FUNCTION pin at 6.4 V when current
is provided to the BYPASS/MULTI-FUNCTION pin
through an external resistor. This facilitates powering of
TinySwitch-III
externally through a bias winding to decrease
the no-load consumption to well below 50 mW.
BYPASS/MULTI-FUNCTION Pin Under-Voltage
TheBYPASS/MULTI-FUNCTIONpinunder-voltagecircuitry
disables the power MOSFET when the BYPASS/MULTI-
FUNCTION pin voltage drops below 4.9 V in steady state
operation.OncetheBYPASS/MULTI-FUNCTIONpinvoltage
drops below 4.9 V in steady state operation, it must rise back
to 5.85 V to enable (turn-on) the power MOSFET.
Over Temperature Protection
Thethermalshutdowncircuitrysensesthedietemperature. The
threshold is typically set at 142 °C with 75 °C hysteresis. When
thedietemperaturerisesabovethisthresholdthepowerMOSFET
is disabled and remains disabled until the die temperature falls
by 75 °C, at which point it is re-enabled. A large hysteresis of
75 °C (typical) is provided to prevent overheating of the PC
board due to a continuous fault condition.
Current Limit
ThecurrentlimitcircuitsensesthecurrentinthepowerMOSFET.
When this current exceeds the internal threshold (I
LIMIT), the
powerMOSFETisturnedofffortheremainderofthatcycle.The
current limit state machine reduces the current limit threshold
by discrete amounts under medium and light loads.
The leading edge blanking circuit inhibits the current limit
comparator for a short time (t
LEB) after the power MOSFET is
turned on. This leading edge blanking time has been set so that
currentspikescausedbycapacitanceandsecondary-siderectifier
reverse recovery time will not cause premature termination of
the switching pulse.
Auto-Restart
In the event of a fault condition such as output overload, output
short circuit, or an open loop condition, TinySwitch-III enters
into auto-restart operation. An internal counter clocked by the
oscillator is reset every time the EN/UV pin is pulled low. If the
EN/UV pin is not pulled low for 64 ms, the power MOSFET
switching is normally disabled for 2.5 seconds (except in the
case of line under-voltage condition, in which case it is disabled
until the condition is removed). The auto-restart alternately
enables and disables the switching of the power MOSFET until
the fault condition is removed. Figure 5 illustrates auto-restart
circuit operation in the presence of an output short circuit.
In the event of a line under-voltage condition, the switching of
the power MOSFET is disabled beyond its normal 2.5 seconds
until the line under-voltage condition ends.
Adaptive Switching Cycle On-Time Extension
Adaptive switching cycle on-time extension keeps the cycle
on until current limit is reached, instead of prematurely
terminating after the DC
MAX signal goes low. This feature
reduces the minimum input voltage required to maintain
regulation, extending hold-up time and minimizing the size
of bulk capacitor required. The on-time extension is disabled
during the startup of the power supply, until the power supply
output reaches regulation.
Line Under-Voltage Sense Circuit
TheDClinevoltagecanbemonitoredbyconnectinganexternal
resistorfromtheDClinetotheEN/UVpin. Duringpower-upor
when the switching of the power MOSFET is disabled in auto-
restart, the current into the EN/UV pin must exceed 25 µA to
initiateswitchingofthepowerMOSFET.Duringpower-up,this
is accomplished by holding the BYPASS/MULTI-FUNCTION
pin to 4.9 V while the line under-voltage condition exists. The
BYPASS/MULTI-FUNCTION pin then rises from 4.9 V to
5.85Vwhenthelineunder-voltageconditiongoesaway.Whenthe
switchingofthepowerMOSFETisdisabledinauto-restartmode
andalineunder-voltageconditionexists,theauto-restartcounter
is stopped. This stretches the disable time beyond its normal
2.5 seconds until the line under-voltage condition ends.
The line under-voltage circuit also detects when there is
no external resistor connected to the EN/UV pin (less than
~1 µAinto the pin). In this case the line under-voltage function
is disabled.
TinySwitch-III
Operation
TinySwitch-III
devices operate in the current limit mode. When
enabled, the oscillator turns the power MOSFET on at the
beginning of each cycle. The MOSFET is turned off when the
current ramps up to the current limit or when the DC
MAX limit is
reached. Since the highest current limit level and frequency of
a TinySwitch-III design are constant, the power delivered to the


Similar Part No. - TNY278PN

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY278PN-TL POWERINT-TNY278PN-TL Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
More results

Similar Description - TNY278PN

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
TNY274-280 POWERINT-TNY274-280 Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
TNY274 POWERINT-TNY274_V01 Datasheet
1Mb / 24P
   Energy-Efficient, Off-Line Switcher with Enhanced Flexibility and Extended Power Range
December 2021
TNY174 POWERINT-TNY174_V01 Datasheet
1Mb / 22P
   Energy Efficient, Offline Switcher with Enhanced Flexibility and Extended Power Range
September 2020
TNY275PG POWERINT-TNY275PG Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY274 POWERINT-TNY274_09 Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY277PG POWERINT-TNY277PG Datasheet
1Mb / 24P
   Energy-Effi cient, Off-Line Switcher With Enhanced Flexibility and Extended Power Range
TNY263 POWERINT-TNY263 Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264 POWERINT-TNY264 Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY263 POWERINT-TNY263_V01 Datasheet
1Mb / 22P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
December 2021
TNY263 POWERINT-TNY263_04 Datasheet
200Kb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com