Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AMT-17C-1-036 Datasheet(PDF) 1 Page - CUI INC

Part # AMT-17C-1-036
Description  6405 SW Rosewood St, Suite C Lake Oswego, OR 97035
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT-17C-1-036 Datasheet(HTML) 1 Page - CUI INC

  AMT-17C-1-036_V01 Datasheet HTML 1Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
3.0 76.20
0.25±0.05 6.350±1.270
36.0 914.400
1.50±0.05 38.100±1.270
6.0 152.400
3.0 76.20
A
A
round dual
shielding jacket
heat shrink
tube with glue
case_GND
#8 Insulated Terminal
Ring or Equivalent
Note 1
Leads Stripped
and Tinned
Note 2
#8 Insulated Terminal
Ring or Equivalent
ground
1
2
3
SECTION A-A
SCALE 3 : 1
(Back of Connector Housing)
15
14
13 11 9 7 5 3 1
12 10 8 6 4 2
17
16
NOTES 1: case_GND is connected internally
to GND (black/red)
2: ground connected internally to
cable shielding
REV.
DESCRIPTION
DATE
A
NEW DRAWING
6/10/2013
B
cable length changed, part# changed
7/29/2013
C
added ground wire to unterminated end
3/4/2014
D
brand update
4/13/2020
Connector Pinout
#
Function
Color
Primary
Stripe
1
TX_ENC+
Green
Red
2
RX_ENC+
Blue
Red
3
U+
Brown
Black
4
GND
Black
Red
5
W+
Orange
Black
6
+5V
Red
Black
7
V+
Red
White
8
B+
Green
Black
9
B-
Black
Green
10
A+
White
Black
11
A-
Black
White
12
Z+
Blue
Black
13
Z-
Black
Blue
14
MCLRB
Yellow
Black
15
W-
Black
Orange
16
V-
White
Red
17
U-
Black
Brown
Part
QTY
Part#
1
Cable
1
3M 3600B/20
2
Connector
1
JAE FI-W17S
3 Crimp Pins
17
JAE FI-C3-A1-15000
977-7012R
COPYRIGHT 2020 BY CUI DEVICES
ITEM NO:
INCHES[MM]
SCALE:
AMT-17C-1-036
PC FILE NAME:
APPROVED BY:
DRAWN BY:
UNITS:
PART NO.
RDS
2:1
AMT-17C-1-036
REV: D
6405 SW Rosewood St, Suite C
Lake Oswego, OR 97035
Phone: 877-323-3576
Website: www.cuidevices.com
RoHS
TOLERANCE:
±0.2"
UNLESS OTHERWISE
SPECIFIED
Additional Resources: Product Page


Similar Part No. - AMT-17C-1-036_V01

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT-17C-1-036-USB CUI-AMT-17C-1-036-USB Datasheet
29Kb / 1P
   (-)0.8 UNLESS OTHERWISE SPECIFIED
More results

Similar Description - AMT-17C-1-036_V01

ManufacturerPart #DatasheetDescription
logo
CUI INC
AMT-14C-0-036-1 CUI-AMT-14C-0-036-1_V01 Datasheet
216Kb / 1P
   6405 SW Rosewood St, Suite C Lake Oswego, OR 97035
4/15/2020
AMT-14C-0-036-2 CUI-AMT-14C-0-036-2_V01 Datasheet
217Kb / 1P
   6405 SW Rosewood St, Suite C Lake Oswego, OR 97035
4/15/2020
AMT-06C-1-036 CUI-AMT-06C-1-036_V01 Datasheet
151Kb / 1P
   6405 SW Rosewood St, Suite C
4/13/2020
logo
PHOENIX CONTACT
2825539 PHOENIX-2825539 Datasheet
127Kb / 4P
   ST-REL4-SW 24/21-21
2822053 PHOENIX-2822053 Datasheet
75Kb / 4P
   Relay connectors - ST-REL3-SW 24/21
2822066 PHOENIX-2822066 Datasheet
77Kb / 4P
   Relay connectors - ST-REL3-SW 42/21
logo
CUI INC
K3815 CUI-K3815 Datasheet
34Kb / 1P
   9615 SW Allen Blvd 103 Beaverton OR 97005
logo
Advantech Co., Ltd.
EPD-230 ADVANTECH-EPD-230 Datasheet
231Kb / 2P
   2.9 ePaper Solution Suite
11-Mar-2022
logo
PHOENIX CONTACT
3036372 PHOENIX-3036372 Datasheet
143Kb / 6P
   ST 4-FSI/C
logo
Agilent(Hewlett-Packard...
E2094S HP-E2094S Datasheet
494Kb / 4P
   IO Libraries Suite 15.5
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com