Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE9185QXV33 Datasheet(PDF) 45 Page - Infineon Technologies AG

Part # TLE9185QXV33
Description  BLDC Driver
Download  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9185QXV33 Datasheet(HTML) 45 Page - Infineon Technologies AG

Back Button TLE9185QXV33 Datasheet HTML 41Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 42Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 43Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 44Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 45Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 46Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 47Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 48Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 49Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 192 page
background image
Datasheet
45
Rev. 1.0
2021-01-21
TLE9185QXV33
BLDC Driver
Gate Drivers
IHOLD is the hold current used to keep the gate of the external MOSFETs in the desired state. This parameter
is configurable with the IHOLD control bit in GENCTRL.
If the control bit IHOLD = 0:
• A MOSFET is kept ON with the current ICHG15.
• A MOSFET is kept OFF with the current IDCHG15.
If the control bit IHOLD = 1:
• A MOSFET is kept ON with the current ICHG20.
• A MOSFET is kept OFF with the current IDCHG20.
9.2.1
Static activation of a high-side MOSFET
Turn-on with cross-current protection
If LSx is ON (HBxMODE[1:0] = 01B), before the activation of HSx (HBxMODE[1:0] = 10B) then the high-side
MOSFET is turned on after a cross-current protection time (refer to Figure 23):
After the CSN rising edge and for the duration tHBxCCPACTIVE :
– The high-side MOSFET is kept OFF with the current -ICHGSTx.
– The gate of the low-side MOSFET is discharged with the current -ICHGSTx.
• At the end of tHBxCCPACTIVE and for the duration tHBxBLANKACTIVE + tFVDS:
– The gate of the high-side MOSFET is charged with the current ICHGSTx.
– Low-side MOSFET is kept OFF with the current -IHARDOFF (hard off phase).
• At the end of tFVDS:
– The drive current of the high-side MOSFET is reduced to IHOLD.
– The drive current of the low-side MOSFET is set to -IHOLD.
1000B
52.5 (ICHG32)
51.5 (IDCHG32)
+/- 30 %
1001B
63.6 (ICHG36)
62.4 (IDCHG36)
+/- 30 %
1010B
75.2 (ICHG40)
73.7 (IDCHG40)
+/- 30 %
1011B
87.1 (ICHG44)
85.5 (IDCHG44)
+/- 30 %
1100B
99.5 (ICHG48)
97.7 (IDCHG48)
+/- 30 %
1101B
112.2 (ICHG52)
110.8 (IDCHG52)
+/- 30 %
1110B
125.3 (ICHG56)
124.5 (IDCHG56)
+/- 30 %
1111B
139 (ICHG60)
138.7 (IDCHG60)
+/- 30 %
Table 17
Static charge currents (cont’d)
ICHGSTx[3:0]
Nom. charge current
[mA]
Nom. discharge current
[mA]
Max. deviation to typ. values


Similar Part No. - TLE9185QXV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
   BLDC Driver
Rev. 1.0 2021-01-21
More results

Similar Description - TLE9185QXV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
   BLDC Driver
Rev. 1.0 2021-01-21
logo
Lin Eng. Inc.
BLDC100 LINENGINEERING-BLDC100 Datasheet
4Mb / 5P
   BLDC DRIVER CONTROLLER
BLDC50 LINENGINEERING-BLDC50 Datasheet
4Mb / 5P
   BLDC DRIVER CONTROLLER
logo
Melexis Microelectronic...
MLX90283 MELEXIS-MLX90283 Datasheet
305Kb / 10P
   BLDC Vibration Motor Driver
logo
Fairchild Semiconductor
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
   3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
   3-Phase BLDC Motor Driver
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
   3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
   3-Phase BLDC Motor Driver
FAN8486D FAIRCHILD-FAN8486D Datasheet
308Kb / 16P
   2-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
   3-Phase BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com