Electronic Components Datasheet Search |
|
TLE9185QXV33 Datasheet(PDF) 21 Page - Infineon Technologies AG |
|
|
TLE9185QXV33 Datasheet(HTML) 21 Page - Infineon Technologies AG |
21 / 192 page TLE9185QXV33 BLDC Driver System Features Datasheet 21 Rev.1.0 2021-01-21 5.4.3 Stop Mode The Stop Mode is the first level technique to reduce the overall current consumption VCC1 into a low-power mode. Note: All settings have to be done before entering Stop Mode. In Stop Mode any kind of SPI WRITE commands are ignored and the SPI_FAIL bit is set, except for changing to Normal Mode, triggering a device Soft Reset, refreshing the watchdog as well as for reading and clearing the SPI status registers. Note: A wake-up event on , WKx, Low-Side short circuit detection in parking braking mode or overvoltage brake detection, could generate an interrupt on pin INTN (based on INTN masking configuration; refer to Chapter 8) however, no change of the device mode will occur. Figure 8 Stop Mode Table 6 Normal Mode Settings Part/Function Value Description VCC1 ON •VCC1 is active WD config • Watchdog may be configured by SPI BD/CP config • The Bridge Drivers and Charge Pump may be configured and switched ON or OFF by SPI CSA config • Current Sense Amplifier may be configurable and switched ON or OFF by SPI Cyc. Wake config • Cyclic wake can be configured with the Timer1 or Timer 2 Table 7 Stop Mode Settings Part/Function Value Description VCC1 ON •VCC1 is ON WD fixed • Watchdog is fixed as configured in Normal Mode BD/CP OFF • The Bridge Drivers and Charge Pump are OFF CSA OFF • Current Sense Amplifier is OFF Cyc. Wake fixed • Cyclic wake is fixed as configured in Normal Mode Stop Mode VCC1 ON CP OFF WD fixed BD OFF Cyc. Wake fixed CSA OFF |
Similar Part No. - TLE9185QXV33 |
|
Similar Description - TLE9185QXV33 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |