Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE9185QXV33 Datasheet(PDF) 19 Page - Infineon Technologies AG

Part # TLE9185QXV33
Description  BLDC Driver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9185QXV33 Datasheet(HTML) 19 Page - Infineon Technologies AG

Back Button TLE9185QXV33 Datasheet HTML 15Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 16Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 17Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 18Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 19Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 20Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 21Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 22Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 23Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 192 page
background image
TLE9185QXV33
BLDC Driver
System Features
Datasheet
19
Rev.1.0
2021-01-21
5.3
Block Description of State Machine
The state machine describes the different states of operation, the device may get into. The following figure
shows the state machine flow diagram.
Figure 5
State Diagram showing the operating modes
Description:
• ON /OFF:= Indicate if the module is enabled or disabled either via SPI or from the device itself
• config:= Settings can be changed in this mode
• fixed:= Settings stay as defined in Normal Mode or Init Mode
• active/inactive:= Indicate if the device activates/deactivates one specific feature
SPI cmd
SPI cmd
SPI cmd
Any SPI
command
WD trigger
First battery connection
Automatic
VCC1 Short to GND
Soft Reset
ƒ Reset is released
ƒ WD starts with long open window
(1) After Fail-Safe Mode entry, the device will stay for at
least typ. 1s in this mode (with RSTN low) after a TSD2
event and min. typ. 100ms after other Fail-Safe Events.
Only then the device can leave the mode via a wake-up
event. Wake events are stored during this time.
(2) HB Passive off due to gate-source resistors.
TSD2 event
* The Software Development Mode is a super set of
state machine where the WD reset is not signaled.
WK wake-up event
OR
Release of overtemperature TSD2
after a time depending on TSD2_DEL
Init Mode
*
(Long open window)
VCC1
ON
CP
(2)
OFF
WD
fixed
BD
(2)
OFF
Cyc.
Wake
OFF
Normal Mode
VCC1
ON
CP
config.
WD
config.
BD
config.
Cyc.
Wake
config.
Stop Mode
VCC1
ON
CP
(2)
OFF
WD
fixed
BD
(2)
OFF
Cyc.
Wake
fixed
Sleep Mode
VCC1
OFF
CP
(2)
OFF
WD
OFF
BD
(2)
OFF
Cyc.
Wake
fixed
Fail-Safe Mode
(1)
VCC1
OFF
CP
(2)
OFF
WD
OFF
BD
(2)
OFF
Cyc.
Wake
OFF
Restart Mode
(RO pin is asserted)
VCC1
ON/
ramping
CP
(2)
OFF
WD
OFF
BD
(3)
OFF
Cyc.
Wake
OFF
Config.: settings can be changed in
this device mode;
Fixed: settings stay as defined in
Normal Mode
After 4x consecutive
Watchdog failure
VCC1 over voltage
(depend from VCC1_OV_MOD setting)
VCC1 over voltage
(depend from VCC1_OV_MOD setting)
VCC1 Under voltage
Watchdog Failure
Sleep Mode entry without any
wake source enabled
After 4x consecutive VCC1
under voltage events
(if VS_INT > VS_INT_UV)
Wake up event
LS short circuit during
VS_OV event
CSA
OFF
CSA
config.
CSA
OFF
CSA
OFF
CSA
OFF
CSA
OFF


Similar Part No. - TLE9185QXV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
BLDC Driver
Rev. 1.0 2021-01-21
More results

Similar Description - TLE9185QXV33

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
3-Phase BLDC Motor Driver
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
3-Phase BLDC Motor Driver
FAN8486D FAIRCHILD-FAN8486D Datasheet
308Kb / 16P
2-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
3-Phase BLDC Motor Driver
logo
Melexis Microelectronic...
MLX90283 MELEXIS-MLX90283 Datasheet
305Kb / 10P
BLDC Vibration Motor Driver
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
BLDC Driver
Rev. 1.0 2021-01-21
logo
Lin Eng. Inc.
BLDC100 LINENGINEERING-BLDC100 Datasheet
4Mb / 5P
BLDC DRIVER CONTROLLER
BLDC50 LINENGINEERING-BLDC50 Datasheet
4Mb / 5P
BLDC DRIVER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com