Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE9185QXV33 Datasheet(PDF) 16 Page - Infineon Technologies AG

Part # TLE9185QXV33
Description  BLDC Driver
Download  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9185QXV33 Datasheet(HTML) 16 Page - Infineon Technologies AG

Back Button TLE9185QXV33 Datasheet HTML 12Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 13Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 14Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 15Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 16Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 17Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 18Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 19Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 20Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 192 page
background image
TLE9185QXV33
BLDC Driver
System Features
Datasheet
16
Rev.1.0
2021-01-21
5
System Features
This chapter describes the system features and behavior of the TLE9185QXV33:
• State machine
• Device configuration
• State machine modes and mode transitions
• Wake-up features such as cyclic wake
5.1
Short State Machine Description
The BLDC Driver offers six operating modes:
• Init Mode: Power-up of the device and after a soft reset.
• Normal Mode: The main operating mode of the device.
• Stop Mode: The first-level power saving mode with the main voltage regulator VCC1 enabled.
• Sleep Mode: The second-level power saving mode with VCC1 disabled.
• Restart Mode: An intermediate mode after a wake event from Sleep Mode or Fail-Safe Mode or after a
failure (e.g. WD failure, VCC1 under voltage reset).
• Fail-Safe Mode: A safe-state mode after critical failures (e.g. Temperature shutdown) to bring the system
into a safe state and to ensure a proper restart of the system.
A special mode, called Software Development Mode, is available during software development or debugging
of the system. All above mentioned operating modes can be accessed in this mode. However, the watchdog is
still running. Watchdog failures are indicated over INTN pin instead.
However, the watchdog reset signaling can be reactivated again in Software Development Mode. The
Watchdog will start always with the Long Open Windows (t_low).
The BLDC Driver is controlled via a 32-bit SPI interface (refer to Chapter 11 for detailed information). The
configuration as well as the diagnosis is handled via the SPI.
The device offers various supervision features to support functional safety requirements. Refer to Chapter 10
for more information.


Similar Part No. - TLE9185QXV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
   BLDC Driver
Rev. 1.0 2021-01-21
More results

Similar Description - TLE9185QXV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
   BLDC Driver
Rev. 1.0 2021-01-21
logo
Lin Eng. Inc.
BLDC100 LINENGINEERING-BLDC100 Datasheet
4Mb / 5P
   BLDC DRIVER CONTROLLER
BLDC50 LINENGINEERING-BLDC50 Datasheet
4Mb / 5P
   BLDC DRIVER CONTROLLER
logo
Melexis Microelectronic...
MLX90283 MELEXIS-MLX90283 Datasheet
305Kb / 10P
   BLDC Vibration Motor Driver
logo
Fairchild Semiconductor
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
   3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
   3-Phase BLDC Motor Driver
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
   3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
   3-Phase BLDC Motor Driver
FAN8486D FAIRCHILD-FAN8486D Datasheet
308Kb / 16P
   2-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
   3-Phase BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com