Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE9185QXV33 Datasheet(PDF) 14 Page - Infineon Technologies AG

Part # TLE9185QXV33
Description  BLDC Driver
Download  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9185QXV33 Datasheet(HTML) 14 Page - Infineon Technologies AG

Back Button TLE9185QXV33 Datasheet HTML 10Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 11Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 12Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 13Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 14Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 15Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 16Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 17Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 18Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 192 page
background image
Datasheet
14
Rev.1.0
2021-01-21
TLE9185QXV33
BLDC Driver
General Product Characteristics
Stop Mode current
consumption
(low active peak threshold)
IStop_1,85
–55
80
µA
1)2)3) Tj = 85°C;
CSA=off;
WKx=CP=off:
Cyclic Wak.=off
Watchdog = off;
no load on VCC1;
I_PEAK_TH = 0B
P_4.4.39
Stop Mode current
consumption
(high active peak threshold)
IStop_2,25
–70
95
µA
1)2) CSA=off;
WKx=CP=off: Cyclic
Wak.=off Watchdog =
off;
no load on VCC1;
I_PEAK_TH = 1B
P_4.4.40
Stop Mode current
consumption
(high active peak threshold)
IStop_2,85
75
105
µA
1)2)3) Tj = 85°C;
CSA=off;
Cyclic Wak.=off;
Watchdog = off;
no load on VCC1;
I_PEAK_TH = 1B
P_4.4.41
Sleep Mode
Sleep Mode current
consumption
ISleep,25
–18
30
µA
1) CSA=off;
WKx=HSx=CP=off:
Cyclic Wak.= off
P_4.4.42
Sleep Mode current
consumption
ISleep,85
–28
40
µA
1)3) Tj = 85°C;
CSA=off;
WKx=HSx=CP=off:
Cyclic Wak.=off
P_4.4.43
Feature Incremental Current Consumption
Current consumption for
each WK input
IWK,wake,25
–0.2
2
µA
1)4)5)6) Sleep Mode; WK
wake capable;
no activity on WK pin;
P_4.4.22
Current consumption for
each WK input
IWK,wake,85
–0.5
3
µA
1)3)4)5)6) Sleep Mode; Tj
= 85°C;
WK wake capable;
no activity on WK pin;
P_4.4.23
Current consumption for
watchdog active in Stop
Mode
IStop,WD25
–18
23
µA
3)7) Stop Mode;
Watchdog running;
P_4.4.28
Current consumption for
watchdog active in Stop
Mode
IStop,WD85
–19
25
µA
3)7) Stop Mode;
Tj = 85°C;
Watchdog running;
P_4.4.29
Table 4
Current Consumption (cont’d)
Current consumption values are specified at Tj = 25°C, VSINT= VS = 13.5 V, all outputs open
(unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.


Similar Part No. - TLE9185QXV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
   BLDC Driver
Rev. 1.0 2021-01-21
More results

Similar Description - TLE9185QXV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
   BLDC Driver
Rev. 1.0 2021-01-21
logo
Lin Eng. Inc.
BLDC100 LINENGINEERING-BLDC100 Datasheet
4Mb / 5P
   BLDC DRIVER CONTROLLER
BLDC50 LINENGINEERING-BLDC50 Datasheet
4Mb / 5P
   BLDC DRIVER CONTROLLER
logo
Melexis Microelectronic...
MLX90283 MELEXIS-MLX90283 Datasheet
305Kb / 10P
   BLDC Vibration Motor Driver
logo
Fairchild Semiconductor
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
   3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
   3-Phase BLDC Motor Driver
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
   3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
   3-Phase BLDC Motor Driver
FAN8486D FAIRCHILD-FAN8486D Datasheet
308Kb / 16P
   2-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
   3-Phase BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com