Electronic Components Datasheet Search |
|
TLE9185QXV33 Datasheet(PDF) 13 Page - Infineon Technologies AG |
|
|
TLE9185QXV33 Datasheet(HTML) 13 Page - Infineon Technologies AG |
13 / 192 page Datasheet 13 Rev.1.0 2021-01-21 TLE9185QXV33 BLDC Driver General Product Characteristics Device Behavior Outside of Specified Functional Range •28 V < VSINT,func < 40 V: Device will still be functional including the state machine; the specified electrical characteristics might not be ensured anymore. The VCC1 is working properly, however, a thermal shutdown might occur due to high power dissipation. The specified SPI communication speed is ensured; the absolute maximum ratings are not violated, however the device is not intended for continuous operation of VSINT > 28 V and a thermal shutdown might occur due to high power dissipation. The device operation at high junction temperatures for long periods might reduce the operating life time. • VPOR,f < VSINT < 5.5 V (given the fact that the device was powered up correctly before with VSINT > 5.5 V): Device will still be functional; the specified electrical characteristics might not be ensured anymore: – A reset could be triggered depending on the Vrthx settings. – The specified SPI communication speed is ensured. Note: VS,UV < VS < 6.0 V: the charge pump might be deactivated due to a charge pump undervoltage detection, resulting in a turn-off of the external MOSFETs. 4.3 Thermal Resistance 4.4 Current Consumption Table 3 Thermal Resistance1) 1) Not subject to production test, specified by design. Parameter Symbol Values Unit Note or Test Condition Number Min. Typ. Max. Junction to Soldering Point Rth(JSP) – 7.2 – K/W Exposed Pad P_4.3.1 Junction to Ambient Rth(JA) –27 – K/W 2) 2) Specified Rth(JA)value is according to Jedec JESD51-2,-5,-7 at natural convection on FR4 2s2p board for a power dissipation of 1.5 W; the product (chip+package) was simulated on a 76.2 x 114.3 x 1.5 mm3 with 2 inner copper layers (2 x 70 µm Cu, 2 x 35 µm C); where applicable a thermal via array under the exposed pad contacted the first inner copper layer and 300 mm2 cooling areas on the top layer and bottom layers (70 µm). P_4.3.2 Table 4 Current Consumption Current consumption values are specified at Tj = 25°C, VSINT= VS = 13.5 V, all outputs open (unless otherwise specified) Parameter Symbol Values Unit Note or Test Condition Number Min. Typ. Max. Normal Mode Normal Mode current consumption INormal –4.5 5.5 mA 1) VSINT = 5.5 V to 28 V; Tj = -40°C to +150°C; CP=off P_4.4.37 Stop Mode current consumption (low active peak threshold) IStop_1,25 –50 65 µA 1)2) CSA=off; WKx=CP=off: Cyclic Wak.=off Watchdog = off; no load on VCC1; I_PEAK_TH = 0B P_4.4.38 |
Similar Part No. - TLE9185QXV33 |
|
Similar Description - TLE9185QXV33 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |