![]() |
Electronic Components Datasheet Search |
|
TLE9185QXV33 Datasheet(PDF) 12 Page - Infineon Technologies AG |
|
|
TLE9185QXV33 Datasheet(HTML) 12 Page - Infineon Technologies AG |
12 / 192 page ![]() Datasheet 12 Rev.1.0 2021-01-21 TLE9185QXV33 BLDC Driver General Product Characteristics Notes 1. Stresses above the ones listed here may cause permanent damage to the device. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. 2. Integrated protection functions are designed to prevent IC destruction under fault conditions described in the data sheet. Fault conditions are considered as “outside” normal operating range. Protection functions are not designed for continuous repetitive operation. 4.2 Functional Range Note: Within the functional range the IC operates as described in the circuit description. The electrical characteristics are specified within the conditions given in the related electrical characteristics table. CSN VCSN -0.3 – 40 V – P_4.1.29 Logic Output Pins (SDO, RSTN, INTN, ) VO,max -0.3 – VCC1 + 0.3 V– P_4.1.30 Temperatures Junction Temperature Tj -40 – 150 °C – P_4.1.32 Storage Temperature Tstg -55 – 150 °C – P_4.1.33 ESD Susceptibility ESD Resistivity VESD,11 -2 – 2 kV HBM2) P_4.1.34 ESD Resistivity to GND VESD,12 -8 – 8 kV HBM2)3) P_4.1.35 ESD Resistivity to GND VESD,21 -500 – 500 V CDM4) P_4.1.36 ESD Resistivity Pin 1, 12,13,24,25,36,37,48 (corner pins) to GND VESD,22 -750 – 750 V CDM4) P_4.1.37 1) Not subject to production test, specified by design. 2) ESD susceptibility, HBM according to ANSI/ESDA/JEDEC JS-001 (1.5 kΩ, 100 pF). 3) For ESD “GUN” Resistivity (according to IEC61000-4-2 “gun test” (150 pF, 330 Ω)), is shown in Application Information and test report will be provided from IBEE. 4) ESD susceptibility, Charged Device Model “CDM” EIA/JESD22-C101 or ESDA STM5.3.1. Table 2 Functional Range1) 1) Not subject to production test, specified by design. Parameter Symbol Values Unit Note or Test Condition Number Min. Typ. Max. Supply Voltage VSINT,func VPOR,f –28 V 2) 2) Including Power-On Reset, Over- and Undervoltage Protection. P_4.2.1 Bridge Supply Voltage VS,func 6.0 – 28 V – P_4.2.2 Junction Temperature Tj -40 – 150 °C – P_4.2.6 Table 1 Absolute Maximum Ratings1) (cont’d) Tj = -40°C to +150°C; all voltages with respect to ground, positive current flowing into pin (unless otherwise specified) Parameter Symbol Values Unit Note or Test Condition Number Min. Typ. Max. |
Similar Part No. - TLE9185QXV33 |
|
Similar Description - TLE9185QXV33 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |