Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE9185QXV33 Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # TLE9185QXV33
Description  BLDC Driver
Download  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9185QXV33 Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button TLE9185QXV33 Datasheet HTML 7Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 8Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 9Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 10Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 11Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 12Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 13Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 14Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 192 page
background image
Datasheet
11
Rev.1.0
2021-01-21
TLE9185QXV33
BLDC Driver
General Product Characteristics
4
General Product Characteristics
4.1
Absolute Maximum Ratings
Table 1
Absolute Maximum Ratings1)
Tj = -40°C to +150°C; all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified)
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.
Voltages
Supply Voltage VS
VS,max
-0.3
28
V
P_4.1.1
Supply Voltage VS
VS,max
-0.3
40
V
Load Dump
P_4.1.2
Supply Voltage VSINT
VSINT,max
-0.3
28
V
P_4.1.3
Supply Voltage VSINT
VSINT,max
-0.3
40
V
Load Dump
P_4.1.4
Voltage Regulator 1
VCC1,max
-0.3
5.5
V
P_4.1.7
Charge Pump Output Pin
(CP)
VCP,max
VS - 0.8 –
VS + 17 V
ICP > - 200 µA if CP
is disabled
P_4.1.8
CPC1P, CPC2P
VCPCxP,max
- 0.3
VS + 17 V
P_4.1.38
CPC1N, CPC2N
VCPCxN,max
- 0.3
VS + 0.3 V
P_4.1.39
Bridge Driver Gate High Side
(GHx)
VGHx,max
-8.0
40
V
P_4.1.11
Bridge Driver Gate Low Side
(GLx)
VGLx,max
-8.0
24
V
P_4.1.12
Voltage difference between
GHx-SHx and between GLx-
SLx
VGS
-0.3
16
V
P_4.1.13
Bridge Driver Source High
(SHx)
VSHx,max
-8.0
40
V
P_4.1.14
Bridge Driver Source Low
Side SL
VSL,max
-8.0
6.0
V
P_4.1.15
Current Sense Amplifier
inputs (CSAP, CSAN)
VCSx,max
-8.0
+8.0
V
P_4.1.16
Current Sense Amplifier
Output CSO
VCSx,max
-0.3
VCC1
+ 0.3
V–
P_4.1.17
Differential input voltage
range CSAPx - CSANx
VCSA,Diff
-8.0
8.0
V
P_4.1.18
Wake Input WKx
VWKx,max
-0.3
40
V
P_4.1.19
PWM1/CRC, PWM2, PWM3,
PWM4, PWM 5, PWM6 Input
Pins
VPWM1-2-3-4-5-
6, max
-0.3
40
V
P_4.1.25
Logic Input Pins (SDI, CLK, ) VI,max
-0.3
VCC1
+ 0.3
V–
P_4.1.28


Similar Part No. - TLE9185QXV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
   BLDC Driver
Rev. 1.0 2021-01-21
More results

Similar Description - TLE9185QXV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
   BLDC Driver
Rev. 1.0 2021-01-21
logo
Lin Eng. Inc.
BLDC100 LINENGINEERING-BLDC100 Datasheet
4Mb / 5P
   BLDC DRIVER CONTROLLER
BLDC50 LINENGINEERING-BLDC50 Datasheet
4Mb / 5P
   BLDC DRIVER CONTROLLER
logo
Melexis Microelectronic...
MLX90283 MELEXIS-MLX90283 Datasheet
305Kb / 10P
   BLDC Vibration Motor Driver
logo
Fairchild Semiconductor
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
   3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
   3-Phase BLDC Motor Driver
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
   3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
   3-Phase BLDC Motor Driver
FAN8486D FAIRCHILD-FAN8486D Datasheet
308Kb / 16P
   2-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
   3-Phase BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com