Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE9185QXV33 Datasheet(PDF) 107 Page - Infineon Technologies AG

Part # TLE9185QXV33
Description  BLDC Driver
Download  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9185QXV33 Datasheet(HTML) 107 Page - Infineon Technologies AG

Back Button TLE9185QXV33 Datasheet HTML 103Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 104Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 105Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 106Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 107Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 108Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 109Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 110Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 111Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 192 page
background image
TLE9185QXV33
BLDC Driver
Supervision Functions
Datasheet
107
Rev.1.0
2021-01-21
In unidirectional operation, the CSA is optimized to measure the current flowing through the external shunt
resistor when VCSAP ≥ VCSAN.
VCSO = VREFUnidir + (VCSAP - VCSAN + VOS) × GDIFF provided that VCSO is in the linear range1) 2).
Bidirectional operation CSD = 1
In bidirectional operation, the CSA measures the current flowing through the external shunt resistor in both
directions: VCSAP ≥ VCSAN or VCSAP ≤ VCSAN.
The output CSO works at half-scale range: VCSO = VREF Bidir+ (VCSAP - VCSAN + VOS) × GDIFF, provided that VCSO
is in the linear range 2).
10.10.2 Gain configuration
The gain of the current sense amplifier is configurable by the configuration bits CSAG bits. Refer to Table 32.
10.10.3 Overcurrent Detection
A comparator at CSO detects overcurrent conditions. The overcurrent threshold is configurable with the OCTH
bits. Refer to Table 33 for unidirectional operation and Table 34 for bidirectional operation.
1) Valid if 0.5 V ≤ VCSO ≤ VCC1 - 0.5 V.
2) VCSO is clamped between VCC1 and GND.
Table 32
Configuration of the current sense amplifier gain
CSAG[1:0]
Current sense amplifier gain GDIFF
00B
GDIFF10
01B
GDIFF20
10B
GDIFF40
11B
GDIFF60
Table 33
Overcurrent detection thresholds in unidirectional operation (CSD = 0)
OCTH[1:0]
Typical Overcurrent Detection Threshold
00B
VCSO > VCC1/2
01B
VCSO > VCC1 /2+ VCC1/10
10B
VCSO > VCC1/2+ 2 × VCC1/10
11B
VCSO > VCC1/2 /2+ 3 × VCC1/10


Similar Part No. - TLE9185QXV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
   BLDC Driver
Rev. 1.0 2021-01-21
More results

Similar Description - TLE9185QXV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
   BLDC Driver
Rev. 1.0 2021-01-21
logo
Lin Eng. Inc.
BLDC100 LINENGINEERING-BLDC100 Datasheet
4Mb / 5P
   BLDC DRIVER CONTROLLER
BLDC50 LINENGINEERING-BLDC50 Datasheet
4Mb / 5P
   BLDC DRIVER CONTROLLER
logo
Melexis Microelectronic...
MLX90283 MELEXIS-MLX90283 Datasheet
305Kb / 10P
   BLDC Vibration Motor Driver
logo
Fairchild Semiconductor
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
   3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
   3-Phase BLDC Motor Driver
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
   3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
   3-Phase BLDC Motor Driver
FAN8486D FAIRCHILD-FAN8486D Datasheet
308Kb / 16P
   2-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
   3-Phase BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com