Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE9185QXV33 Datasheet(PDF) 105 Page - Infineon Technologies AG

Part # TLE9185QXV33
Description  BLDC Driver
Download  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9185QXV33 Datasheet(HTML) 105 Page - Infineon Technologies AG

Back Button TLE9185QXV33 Datasheet HTML 101Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 102Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 103Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 104Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 105Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 106Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 107Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 108Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 109Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 192 page
background image
TLE9185QXV33
BLDC Driver
Supervision Functions
Datasheet
105
Rev.1.0
2021-01-21
The following failures can be detected:
• MOSFET short circuit to GND
• MOSFET short circuit the battery
• Open load (disconnected motor)
The status of the output voltages VOUTx, can be read back with status bit HBxVOUT (register GEN_STAT) when
the corresponding half-bridge is in off-state (HBxMODE[1:0] = 11).
Note:
HBxVOUT = 0 if the half-bridge x is not actively off (HBxMODE[1:0] = (0,0), (0,1) or (1,0) and CPEN=1)
or when the charge pump is deactivated (CPEN=0).
10.9.1.4 Charge pump undervoltage
The voltage of the charge pump output (VCP) is monitored in order to ensure a correct control of the external
MOSFETs.
The charge pump undervoltage threshold is configurable by the control bits FET_LVL and CPUVTH.
If VCP falls below the configured charge pump undervoltage threshold while CPEN = 1:
• If one of the MOSFET is on, then all MOSFETs are actively turned off with their configured static discharge
current during their respective tHBxCCP active.
• Then the gate drivers are turned off and CSA is turned off .
• CP_UV is set and latched.
The CP_UV is reset and the normal operation is resumed once SUP_STAT is cleared and VCP > VCPUV.
The charge pump undervoltage detection is blanked (tCPUVBLANK) during each new activation of the charge
pump1).
10.9.1.5 Switching parameters of MOSFETs in PWM mode
The effective switching parameters of the active MOSFETs (EN_GEN_CHECK=1), respectively PWM MOSFET
(EN_GEN_CHECK=0)can be read out with dedicated status registers:
• The turn-on and turn off delays, noted tDON and tDOFF are reported by the status register
EFF_TDON_OFF1, EFF_TDON_OFF2, EFF_TDON_OFF3.
• The rise and fall times, noted tRISE and tFALL, are reported by the status register TRISE_FALL1,
TRISE_FALL2, TRISE_FALL3.
10.9.2
Low-side drain-source voltage monitoring during braking
The low-side MOSFETs are turned-on while the charge pump is deactivated in the following conditions:
• The slam mode is activated and PWM1/CRC is High.
Table 31
Charge pump undervoltage thresholds
FET_LVL = 0
FET_LVL = 1
CPUVTH = 0
VCPUV1 (6 V typ. referred to VS)
VCPUV3 (7.5 V typ. referred to VS)
CPUVTH = 1
VCPUV2 (6.5 V typ. referred to VS)
VCPUV4 (8 V typ. referred to VS)
1) Including CPEN set to 1, recovery from VS under/overvoltage, VSINT overvoltage and CP_ OT


Similar Part No. - TLE9185QXV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
   BLDC Driver
Rev. 1.0 2021-01-21
More results

Similar Description - TLE9185QXV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
   BLDC Driver
Rev. 1.0 2021-01-21
logo
Lin Eng. Inc.
BLDC100 LINENGINEERING-BLDC100 Datasheet
4Mb / 5P
   BLDC DRIVER CONTROLLER
BLDC50 LINENGINEERING-BLDC50 Datasheet
4Mb / 5P
   BLDC DRIVER CONTROLLER
logo
Melexis Microelectronic...
MLX90283 MELEXIS-MLX90283 Datasheet
305Kb / 10P
   BLDC Vibration Motor Driver
logo
Fairchild Semiconductor
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
   3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
   3-Phase BLDC Motor Driver
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
   3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
   3-Phase BLDC Motor Driver
FAN8486D FAIRCHILD-FAN8486D Datasheet
308Kb / 16P
   2-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
   3-Phase BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com