Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE9185QXV33 Datasheet(PDF) 104 Page - Infineon Technologies AG

Part # TLE9185QXV33
Description  BLDC Driver
Download  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9185QXV33 Datasheet(HTML) 104 Page - Infineon Technologies AG

Back Button TLE9185QXV33 Datasheet HTML 100Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 101Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 102Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 103Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 104Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 105Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 106Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 107Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 108Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 192 page
background image
TLE9185QXV33
BLDC Driver
Supervision Functions
Datasheet
104
Rev.1.0
2021-01-21
For Half-Bridges in PWM mode with AFWx = 1:
• the blank time of the PWM MOSFET starts at the expiration of the cross-current protection time of the PWM
MOSFET. Refer to Figure 53.
• the blank time of the free-wheeling MOSFET starts after expiration of the cross-current protection time at
turn-off of the PWM MOSFET. Refer to Figure 53.
Figure 53 Blank time for half-bridges in PWM operation with AFW = 1
For statically activated half-bridges, the blank time starts:
• Case1: at expiration of the cross-current protection (Figure 23), if the opposite MOSFET was previously
activated.
• Case 2: right after the decoding of the SPI command to turn on a MOSFET, if the half-bridge was in high
impedance (Figure 24).
The blank times of the active and FW MOSFETs can be configured with the control register CCP_BLK.
The typical blank is 587 ns + 266 ns x TBLK[3:0]D).
Note:
The blank time is implemented at every new activation of a MOSFET, including a recovery from VS
undervoltage, VS overvoltage, VSINT overvoltage, CP UV, CP OT.
10.9.1.3 OFF-state diagnostic
In order to support the off-state diagnostic (HBxMODE= 11 and CPEN = 1), the gate driver of each MOSFET
provides pull-up (IPUDiag) and a pull-down currents (IPDDiag) at the SHx pins. This function requires an activated
charge pump.
The pull-up current source of a given half-bridge is on when the half-bridge is active: HBxMODE= 01, 10 or 11
and CPEN = 1.
The pull-down current of each low-side gate driver is activated by the control bits HBx (HB_ICHG_MAX
register).
During the off-state diagnostic routine performed by the microcontroller, the drain-source overvoltage
threshold of the relevant half-bridges must be set to 2V nominal. Refer to Table 28. Once the routine is
finished, it is highly recommended to decrease the drain-source overvoltage threshold to a lower value,
avoiding additional current consumption from the VS input.
IGS_PWM
MOSFET
IGS Freewheeling
MOSFET
ICHGMAXz
- ICHGMAXz
IPRECHGz
- IPREDCHGz
ICHGMAXz
- IDCHGz
ICHGz
Post-charge
0
PWM
tPDCHGz
t
t
t
tHBxCPP
tBLANK for
PWM MOSFET
tBLANK for
freewheeling MOSFET
tHBxCPP for
symmetrisation
tHBxCPP
tPCHGz


Similar Part No. - TLE9185QXV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
BLDC Driver
Rev. 1.0 2021-01-21
More results

Similar Description - TLE9185QXV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
BLDC Driver
Rev. 1.0 2021-01-21
logo
Lin Eng. Inc.
BLDC100 LINENGINEERING-BLDC100 Datasheet
4Mb / 5P
BLDC DRIVER CONTROLLER
BLDC50 LINENGINEERING-BLDC50 Datasheet
4Mb / 5P
BLDC DRIVER CONTROLLER
logo
Melexis Microelectronic...
MLX90283 MELEXIS-MLX90283 Datasheet
305Kb / 10P
BLDC Vibration Motor Driver
logo
Fairchild Semiconductor
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
3-Phase BLDC Motor Driver
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
3-Phase BLDC Motor Driver
FAN8486D FAIRCHILD-FAN8486D Datasheet
308Kb / 16P
2-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
3-Phase BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com