Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE9185QXV33 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # TLE9185QXV33
Description  BLDC Driver
Download  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9185QXV33 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button TLE9185QXV33 Datasheet HTML 6Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 7Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 8Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 9Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 10Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 11Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 12Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 13Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 192 page
background image
Datasheet
10
Rev.1.0
2021-01-21
TLE9185QXV33
BLDC Driver
Pin Configuration
Note:
The GND pin as well as the Cooling Tab must be connected to one common GND potential.
3.3
Hints for not functional pins
It must be ensured that the correct configurations are also selected, i.e. in case functions are not used that
they are disabled via SPI. Unused pins should be handled as follows:
• N.U.: not used; internally bonded for testing purpose; leave open except pin 17. Pin 17 to be connected to
VS.
• RSVD: must be connected to GND.
45
N.U.
Not used.
46
PWM5
PWM input 5. Internal passive pull-down
47
PWM6
PWM input 6. Internal passive pull-down
48
VSINT
Voltage regulator and main supply voltage. Connected to the battery voltage
after reverse protection
Cooling
Tab
GND
Cooling Tab - Exposed Die Pad; For cooling purposes only, do not use as an
electrical ground1)
1) The exposed die pad at the bottom of the package allows better power dissipation of heat from the device via the
PCB. The exposed die pad is not connected to any active part of the IC. However, it should be connected to GND for
the best EMC performance.
Pin
Symbol
Function


Similar Part No. - TLE9185QXV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
BLDC Driver
Rev. 1.0 2021-01-21
More results

Similar Description - TLE9185QXV33

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
3-Phase BLDC Motor Driver
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
3-Phase BLDC Motor Driver
FAN8486D FAIRCHILD-FAN8486D Datasheet
308Kb / 16P
2-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
3-Phase BLDC Motor Driver
logo
Melexis Microelectronic...
MLX90283 MELEXIS-MLX90283 Datasheet
305Kb / 10P
BLDC Vibration Motor Driver
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
BLDC Driver
Rev. 1.0 2021-01-21
logo
Lin Eng. Inc.
BLDC100 LINENGINEERING-BLDC100 Datasheet
4Mb / 5P
BLDC DRIVER CONTROLLER
BLDC50 LINENGINEERING-BLDC50 Datasheet
4Mb / 5P
BLDC DRIVER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com