![]() |
Electronic Components Datasheet Search |
|
TLE9185QXV33 Datasheet(PDF) 98 Page - Infineon Technologies AG |
|
|
TLE9185QXV33 Datasheet(HTML) 98 Page - Infineon Technologies AG |
98 / 192 page ![]() TLE9185QXV33 BLDC Driver Supervision Functions Datasheet 98 Rev.1.0 2021-01-21 10.5 VS Under- and Overvoltage 10.5.1 VS Undervoltage The VS under-voltage monitoring is always active in Init-, Restart Mode and Normal Mode. If VS drops below VS,UV for more than tVSUV_FILT, then the device does the following measures: 1. If HBxMODE = 01b or 10b , then the corresponding MOSFETs are actively turned off with their static discharge current during their respective tHBxCCP Active. 2. Then the charge pump is turned off and the passive discharge is activated and the current sense amplifier is turned off. 3. The status bits VS_UV is set and latched until a clear command of SUP_STAT is received. If VS rises above VS,UV, then the charge pump is reactivated (provided that CPEN is set) and the current sense amplifier is reactivated (provided CSA_OFF = 0) but the bridge driver stays off until VS_UV is cleared. The bridge driver will be reactivated once the VS_UV bit is cleared. 10.5.2 VS Overvoltage The VS over-voltage monitoring is always active in Init-, Restart Mode and Normal Mode or when the charge pump is enabled. If VS rises above VS,OVD1 or VS,OVD2 for more than tVSOV_FILT, then the device does the following measures: 1. If HBxMODE = 01b or 10b , then the corresponding MOSFETs are actively turned off with their static discharge current during their respective tHBxCCP Active. 2. Then the charge pump is turned off and the passive discharge is activated and current sense amplifier is turned off . 3. The status bits VS_OV is set and latched until a clear command of SUP_STAT is received. If VS and VSINT fall below VS,OVD1 or VS,OVD2: •If CPEN = 0 : the charge pumps and the bridge driver stay off. •If CPEN = 1 : –If BDOV_REC = 0 : Then the charge pump is reactivated (provided that CPEN = 1 and CP_UV = 0) but the bridge driver stays off until VS_OV and VSINT_OV are cleared. The current sense amplifier is reactivated provided that CSA_OFF = 0 –If BDOV_REC = 1 : Then the charge pump and the current sense amplifier are reactivated and the bridge driver is enabled if VCP > VCPUVx, even if VS_OV or VSINT_OV is set. The state of the external MOSFETs is according to the control registers. |
Similar Part No. - TLE9185QXV33 |
|
Similar Description - TLE9185QXV33 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |