Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE9185QXV33 Datasheet(PDF) 94 Page - Infineon Technologies AG

Part # TLE9185QXV33
Description  BLDC Driver
Download  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9185QXV33 Datasheet(HTML) 94 Page - Infineon Technologies AG

Back Button TLE9185QXV33 Datasheet HTML 90Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 91Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 92Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 93Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 94Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 95Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 96Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 97Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 98Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 192 page
background image
TLE9185QXV33
BLDC Driver
Supervision Functions
Datasheet
94
Rev.1.0
2021-01-21
10.2.2
Window Watchdog
Compared to the time-out watchdog the characteristic of the window watchdog is that the watchdog timer
period is divided between a closed and an open window. The watchdog must be triggered within the open
window.
A correct watchdog trigger results in starting the window watchdog period by a closed window followed by an
open window.
The watchdog timer period is at the same time the typical trigger time and defines the middle of the open
window. Taking the oscillator tolerances into account leads to a safe trigger area of:
tWD × 0.72 < safe trigger area < tWD × 1.20.
The typical closed window is defined to a width of 60% of the selected window watchdog timer period. Taking
the tolerances of the internal oscillator into account leads to the timings as defined in Figure 48.
A correct watchdog service immediately results in starting the next closed window.
If the trigger signal meet the closed window or if the watchdog timer period elapses, then a watchdog reset is
triggered (RSTN low) and the device switches to Restart Mode or Fail-Safe Mode.
Figure 48 Window Watchdog Definitions
10.2.3
Watchdog Setting Check Sum
A check sum bit is part of the SPI command to trigger the watchdog and to set the watchdog setting.
The sum of the 16 data bits in the register WD_CTRL needs to have even parity (see Equation (10.1)). This is
realized by either setting the bit CHECKSUM to 0 or 1. If the check sum is wrong, then the SPI command is
ignored, i.e. the watchdog is not triggered or the settings are not changed and the bit SPI_FAIL is set.
The written value of the reserved bits of the WD_CTRL register is considered (even if read as ‘0’ in the SPI
output) for checksum calculation, i.e. if a 1 is written on the reserved bit position, then a 1 will be used in the
checksum calculation.
(10.1)
closed window
open window
t / [tWD_TIMER]
safe trigger area
tWD x 0.72
tWD x 1.20
uncertainty
uncertainty
tWD x 0.48
tWD x 1.80
Watchdog Timer Period (WD_TIMER)
Typ. closed window
Typ. open window
tWD x 0.6
tWD x 1.0
tWD x 0.9
Bit CHECKSUM
()
Bit22
… Bit8
⊕⊕
=


Similar Part No. - TLE9185QXV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
   BLDC Driver
Rev. 1.0 2021-01-21
More results

Similar Description - TLE9185QXV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
   BLDC Driver
Rev. 1.0 2021-01-21
logo
Lin Eng. Inc.
BLDC100 LINENGINEERING-BLDC100 Datasheet
4Mb / 5P
   BLDC DRIVER CONTROLLER
BLDC50 LINENGINEERING-BLDC50 Datasheet
4Mb / 5P
   BLDC DRIVER CONTROLLER
logo
Melexis Microelectronic...
MLX90283 MELEXIS-MLX90283 Datasheet
305Kb / 10P
   BLDC Vibration Motor Driver
logo
Fairchild Semiconductor
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
   3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
   3-Phase BLDC Motor Driver
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
   3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
   3-Phase BLDC Motor Driver
FAN8486D FAIRCHILD-FAN8486D Datasheet
308Kb / 16P
   2-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
   3-Phase BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com