Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE9185QXV33 Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # TLE9185QXV33
Description  BLDC Driver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9185QXV33 Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button TLE9185QXV33 Datasheet HTML 5Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 6Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 7Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 8Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 9Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 10Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 11Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 12Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 192 page
background image
Datasheet
9
Rev.1.0
2021-01-21
TLE9185QXV33
BLDC Driver
Pin Configuration
8CSAN
Inverting input of Current Sense Amplifier.
9CSO
Current Sense Amplifier Output.
10
CLK
SPI Clock Input. Internal passive pull-down
11
N.U.
Not used.
12
N.U.
Not used.
13
N.U.
Not used.
14
N.U.
Not used.
15
N.U.
Not used.
16
GND
Ground
17
N.U.
Not used.
18
CSN
SPI Chip Select Not input. Internal passive pull-up
19
SL
Source Low Side.
20
GL2
Gate Low Side 2.
21
GL1
Gate Low Side 1.
22
PWM2
PWM input 2. Internal passive pull-up
23
GH2
Gate High Side 2.
24
SH2
Source High Side 2.
25
SH1
Source High Side 1.
26
GH1
Gate High Side 1.
27
PWM1/CRC
PWM input 1. Internal passive pull-down
CRC. Connect to GND (via pull-down) to activate CRC functionality
28
CPC2N
Negative connection to Charge Pump Capacitor 2.
29
CPC2P
Positive connection to Charge Pump Capacitor 2.
30
CPC1P
Positive connection to Charge Pump Capacitor 1.
31
CPC1N
Negative connection to Charge Pump Capacitor 1.
32
VS
Supply voltage for Bridge Drivers and Charge pump. Connected to the
battery voltage after reverse protection.
33
CP
Charge Pump output voltage.
34
PWM3
PWM input 3. Internal passive pull-down
35
GH3
Gate High Side 3.
36
SH3
Source High Side 3.
37
N.U.
Not used.
38
N.U.
Not used.
39
PWM4
PWM input 4. Internal passive pull-down
40
GL3
Gate Low Side 3.
41
N.U.
Not used.
42
WK4/SYNC
Wake-up input 4/Sync.
43
N.U.
Not used.
44
N.U.
Not used.
Pin
Symbol
Function


Similar Part No. - TLE9185QXV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
BLDC Driver
Rev. 1.0 2021-01-21
More results

Similar Description - TLE9185QXV33

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
3-Phase BLDC Motor Driver
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
3-Phase BLDC Motor Driver
FAN8486D FAIRCHILD-FAN8486D Datasheet
308Kb / 16P
2-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
3-Phase BLDC Motor Driver
logo
Melexis Microelectronic...
MLX90283 MELEXIS-MLX90283 Datasheet
305Kb / 10P
BLDC Vibration Motor Driver
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
BLDC Driver
Rev. 1.0 2021-01-21
logo
Lin Eng. Inc.
BLDC100 LINENGINEERING-BLDC100 Datasheet
4Mb / 5P
BLDC DRIVER CONTROLLER
BLDC50 LINENGINEERING-BLDC50 Datasheet
4Mb / 5P
BLDC DRIVER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com