Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE9185QXV33 Datasheet(PDF) 86 Page - Infineon Technologies AG

Part # TLE9185QXV33
Description  BLDC Driver
Download  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9185QXV33 Datasheet(HTML) 86 Page - Infineon Technologies AG

Back Button TLE9185QXV33 Datasheet HTML 82Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 83Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 84Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 85Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 86Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 87Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 88Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 89Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 90Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 192 page
background image
Datasheet
86
Rev. 1.0
2021-01-21
TLE9185QXV33
BLDC Driver
Gate Drivers
External MOSFET gate-to-
source voltage - OFF
VGS(OFF)2
––5
V
1)IDCHGx > 28D(>
41 mA typ.)
P_12.11.101
PWM synchronization
delay
tPWM_SYNCH0 80
200
ns
1) BDFREQ = 0
P_12.11.33
PWM synchronization
delay
tPWM_SYNCH1 40
100
ns
1) BDFREQ= 1
P_12.11.82
Bridge driver frequency
tBDFREQ0
16.8
18.75
20.7
MHz
1) BDFREQ= 0
P_12.11.83
Bridge driver frequency
tBDFREQ1
33.7
37.5
42.3
MHz
1) BDFREQ= 1
P_12.11.84
Pre-charge time
tPCHG000
80
107
140
ns
1) TPCHG = 000,
BDFREQ= 0 or 1
P_12.11.34
Pre-charge time
tPCHG001
130
160
190
ns
1) TPCHG = 001,
BDFREQ= 0 or 1
P_12.11.35
Pre-charge time
tPCHG010
170
214
260
ns
1) TPCHG = 010,
BDFREQ= 0 or 1
P_12.11.36
Pre-charge time
tPCHG011
210
267
330
ns
1) TPCHG = 011,
BDFREQ= 0 or 1
P_12.11.37
Pre-charge time
tPCHG100
250
320
390
ns
1) TPCHG = 100,
BDFREQ= 0 or 1
P_12.11.85
Pre-charge time
tPCHG101
420
533
630
ns
1) TPCHG = 101,
BDFREQ= 0 or 1
P_12.11.86
Pre-charge time
tPCHG110
600
747
900
ns
1) TPCHG = 110,
BDFREQ= 0 or 1
P_12.11.87
Pre-charge time
tPCHG111
840
1067
1260
ns
1) TPCHG = 111,
BDFREQ= 0 or 1
P_12.11.88
Pre-discharge time
tPDCHG000
80
107
140
ns
1) TPDCHG = 000,
BDFREQ= 0 or 1
P_12.11.38
Pre-discharge time
tPDCHG001
130
160
190
ns
1) TPDCHG = 001,
BDFREQ= 0 or 1
P_12.11.39
Pre-discharge time
tPDCHG010
170
214
260
ns
1) TPDCHG = 010,
BDFREQ= 0 or 1
P_12.11.40
Pre-discharge time
tPDCHG011
210
267
330
ns
1) TPDCHG = 011,
BDFREQ= 0 or 1
P_12.11.41
Pre-discharge time
tPDCHG100
250
320
390
ns
1) TPDCHG = 100,
BDFREQ= 0 or 1
P_12.11.89
Pre-discharge time
tPDCHG101
420
533
630
ns
1) TPDCHG = 101,
BDFREQ= 0 or 1
P_12.11.90
Pre-discharge time
tPDCHG110
600
747
900
ns
1) TPDCHG = 110,
BDFREQ= 0 or 1
P_12.11.91
Table 26
Electrical characteristics: gate drivers (cont’d)
VSINT = 5.5 V to 28 V, Tj = -40°C to +150°C,
VCP > VS+ 8.5 V, VS= 6 to 19V, all voltages with respect to ground, positive current flowing into pin except for IGLx
and IGHx(unless otherwise specified).
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min.
Typ.
Max.


Similar Part No. - TLE9185QXV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
   BLDC Driver
Rev. 1.0 2021-01-21
More results

Similar Description - TLE9185QXV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
   BLDC Driver
Rev. 1.0 2021-01-21
logo
Lin Eng. Inc.
BLDC100 LINENGINEERING-BLDC100 Datasheet
4Mb / 5P
   BLDC DRIVER CONTROLLER
BLDC50 LINENGINEERING-BLDC50 Datasheet
4Mb / 5P
   BLDC DRIVER CONTROLLER
logo
Melexis Microelectronic...
MLX90283 MELEXIS-MLX90283 Datasheet
305Kb / 10P
   BLDC Vibration Motor Driver
logo
Fairchild Semiconductor
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
   3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
   3-Phase BLDC Motor Driver
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
   3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
   3-Phase BLDC Motor Driver
FAN8486D FAIRCHILD-FAN8486D Datasheet
308Kb / 16P
   2-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
   3-Phase BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com