Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE9185QXV33 Datasheet(PDF) 80 Page - Infineon Technologies AG

Part # TLE9185QXV33
Description  BLDC Driver
Download  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9185QXV33 Datasheet(HTML) 80 Page - Infineon Technologies AG

Back Button TLE9185QXV33 Datasheet HTML 76Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 77Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 78Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 79Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 80Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 81Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 82Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 83Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 84Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 192 page
background image
Datasheet
80
Rev. 1.0
2021-01-21
TLE9185QXV33
BLDC Driver
Gate Drivers
9.7
Charge pump
A dual-stage charge pump supplies the gate drivers for the high-side and low-side MOSFETs. It requires three
external capacitors connected between CPC1N and CPC1P, CPC2N and CPC2P, VS and CP.
The buffer capacitor between VS and CP must have a capacitance equal or higher than 470 nF.
Figure 44
Charge pump - Block diagram
Logic or normal level MOSFETs
The regulation of the charge pump outputs voltage can be configured depending on the type of MOSFET.
FET_LVL = 0: Logic level MOSFETs are selected:
•VCP - VS = VCP3 (11 V typ. at VS > 8 V).
• The high-side gate-source voltage GHx - SHx is VGH4 (VS > 8 V).
• The low-side gate-source voltage GLx - SL is VGH3 (VS > 8 V).
FET_LVL = 1: Normal level MOSFETs are selected:
•VCP - VS = VCP1(15 V typ. at VS > 8 V).
• The high-side and low-side gate-source voltage GHx - SHx or GLx - SL is VGH1 (VS > 8 V).
CPSTGA = 0 (default, see GENCTRL), the device operates with the dual-stage charge pump.
If CPSTGA = 1, the device switches to single-stage or dual-stage charge pump automatically:
•If VS > VCPSODS: the TLE9185QXV33 switches from a dual-stage to a single-stage charge pump.
•If VS < VCPSOSD: the TLE9185QXV33 switches from single-stage to dual-stage charge pump.
The operation with the single-stage charge pump reduces the current consumption from the VS pin.
Single/dual stage
charge pump
Precharge
VS
CP
CCP ≥ 470 nF
CCP1
CCP2
Logic


Similar Part No. - TLE9185QXV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
   BLDC Driver
Rev. 1.0 2021-01-21
More results

Similar Description - TLE9185QXV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
   BLDC Driver
Rev. 1.0 2021-01-21
logo
Lin Eng. Inc.
BLDC100 LINENGINEERING-BLDC100 Datasheet
4Mb / 5P
   BLDC DRIVER CONTROLLER
BLDC50 LINENGINEERING-BLDC50 Datasheet
4Mb / 5P
   BLDC DRIVER CONTROLLER
logo
Melexis Microelectronic...
MLX90283 MELEXIS-MLX90283 Datasheet
305Kb / 10P
   BLDC Vibration Motor Driver
logo
Fairchild Semiconductor
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
   3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
   3-Phase BLDC Motor Driver
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
   3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
   3-Phase BLDC Motor Driver
FAN8486D FAIRCHILD-FAN8486D Datasheet
308Kb / 16P
   2-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
   3-Phase BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com