Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE9185QXV33 Datasheet(PDF) 78 Page - Infineon Technologies AG

Part # TLE9185QXV33
Description  BLDC Driver
Download  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9185QXV33 Datasheet(HTML) 78 Page - Infineon Technologies AG

Back Button TLE9185QXV33 Datasheet HTML 74Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 75Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 76Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 77Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 78Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 79Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 80Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 81Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 82Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 192 page
background image
Datasheet
78
Rev. 1.0
2021-01-21
TLE9185QXV33
BLDC Driver
Gate Drivers
9.4
Passive discharge
Resistors (RGGND) between the gate of GHx and GND, and between GLx and GND, ensure that the external
MOSFETs are turned off in the following conditions:
VCC1 undervoltage
• HBxMODE = 00B in Normal Mode
• CPEN = 0 in Normal Mode
• CSA Overcurrent detection with OCEN = 1 in normal mode
100100B
IDCHG36
62.4
+/- 30 %
100101B
IDCHG37
65.2
+/- 30 %
100110B
IDCHG38
68
+/- 30 %
100111B
IDCHG39
70.8
+/- 30 %
101000B
IDCHG40
73.7
+/- 30 %
101001B
IDCHG41
76.6
+/- 30 %
101010B
IDCHG42
79.5
+/- 30 %
101011B
IDCHG43
82.5
+/- 30 %
101100B
IDCHG44
85.5
+/- 30 %
101101B
IDCHG45
88.5
+/- 30 %
101110B
IDCHG46
91.5
+/- 30 %
101111B
IDCHG47
94.6
+/- 30 %
110000B
IDCHG48
97.7
+/- 30 %
110001B
IDCHG49
100.9
+/- 30 %
110010B
IDCHG50
104.2
+/- 30 %
110011B
IDCHG51
107.5
+/- 30 %
110100B
IDCHG52
110.8
+/- 30 %
110101B
IDCHG53
114.2
+/- 30 %
110110B
IDCHG54
117.6
+/- 30 %
110111B
IDCHG55
121
+/- 30 %
111000B
IDCHG56
124.5
+/- 30 %
111001B
IDCHG57
128
+/- 30 %
111010B
IDCHG58
131.5
+/- 30 %
111011B
IDCHG59
135.1
+/- 30 %
111100B
IDCHG60
138.7
+/- 30 %
111101B
IDCHG61
142.3
+/- 30 %
111110B
IDCHG62
145.8
+/- 30 %
111111B
IDCHG63
150
+/- 30 %
Table 25
Discharge currents and initial predischarge currents (cont’d)
IDCHG[5:0],
PDCHGINITx[5:0]
Parameter
name
Nom. current
[mA]
Max. deviation to nominal
values [%]


Similar Part No. - TLE9185QXV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
   BLDC Driver
Rev. 1.0 2021-01-21
More results

Similar Description - TLE9185QXV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
   BLDC Driver
Rev. 1.0 2021-01-21
logo
Lin Eng. Inc.
BLDC100 LINENGINEERING-BLDC100 Datasheet
4Mb / 5P
   BLDC DRIVER CONTROLLER
BLDC50 LINENGINEERING-BLDC50 Datasheet
4Mb / 5P
   BLDC DRIVER CONTROLLER
logo
Melexis Microelectronic...
MLX90283 MELEXIS-MLX90283 Datasheet
305Kb / 10P
   BLDC Vibration Motor Driver
logo
Fairchild Semiconductor
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
   3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
   3-Phase BLDC Motor Driver
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
   3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
   3-Phase BLDC Motor Driver
FAN8486D FAIRCHILD-FAN8486D Datasheet
308Kb / 16P
   2-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
   3-Phase BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com