Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE9185QXV33 Datasheet(PDF) 75 Page - Infineon Technologies AG

Part # TLE9185QXV33
Description  BLDC Driver
Download  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9185QXV33 Datasheet(HTML) 75 Page - Infineon Technologies AG

Back Button TLE9185QXV33 Datasheet HTML 71Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 72Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 73Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 74Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 75Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 76Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 77Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 78Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 79Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 192 page
background image
Datasheet
75
Rev. 1.0
2021-01-21
TLE9185QXV33
BLDC Driver
Gate Drivers
100100B
ICHG36
63.6
+/- 30 %
100101B
ICHG37
66.5
+/- 30 %
100110B
ICHG38
69.4
+/- 30 %
100111B
ICHG39
72.3
+/- 30 %
101000B
ICHG40
75.2
+/- 30 %
101001B
ICHG41
78.1
+/- 30 %
101010B
ICHG42
81.1
+/- 30 %
101011B
ICHG43
84.1
+/- 30 %
101100B
ICHG44
87.1
+/- 30 %
101101B
ICHG45
90.2
+/- 30 %
101110B
ICHG46
93.3
+/- 30 %
101111B
ICHG47
96.4
+/- 30 %
110000B
ICHG48
99.5
+/- 30 %
110001B
ICHG49
102.7
+/- 30 %
110010B
ICHG50
105.8
+/- 30 %
110011B
ICHG51
109
+/- 30 %
110100B
ICHG52
112.2
+/- 30 %
110101B
ICHG53
115.4
+/- 30 %
110110B
ICHG54
118.7
+/- 30 %
110111B
ICHG55
122
+/- 30 %
111000B
ICHG56
125.3
+/- 30 %
111001B
ICHG57
128.7
+/- 30 %
111010B
ICHG58
132.1
+/- 30 %
111011B
ICHG59
135.5
+/- 30 %
111100B
ICHG60
139
+/- 30 %
111101B
ICHG61
142.5
+/- 30 %
111110B
ICHG62
146
+/- 30 %
111111B
ICHG63
150
+/- 30 %
Table 24
Charge currents and initial precharge currents (cont’d)
ICHGx[5:0],
PCHGINITx[5:0]
Parameter
name
Nom. current
[mA]
Max. deviation to nominal
values [%]


Similar Part No. - TLE9185QXV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
   BLDC Driver
Rev. 1.0 2021-01-21
More results

Similar Description - TLE9185QXV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
   BLDC Driver
Rev. 1.0 2021-01-21
logo
Lin Eng. Inc.
BLDC100 LINENGINEERING-BLDC100 Datasheet
4Mb / 5P
   BLDC DRIVER CONTROLLER
BLDC50 LINENGINEERING-BLDC50 Datasheet
4Mb / 5P
   BLDC DRIVER CONTROLLER
logo
Melexis Microelectronic...
MLX90283 MELEXIS-MLX90283 Datasheet
305Kb / 10P
   BLDC Vibration Motor Driver
logo
Fairchild Semiconductor
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
   3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
   3-Phase BLDC Motor Driver
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
   3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
   3-Phase BLDC Motor Driver
FAN8486D FAIRCHILD-FAN8486D Datasheet
308Kb / 16P
   2-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
   3-Phase BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com