Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE9185QXV33 Datasheet(PDF) 64 Page - Infineon Technologies AG

Part # TLE9185QXV33
Description  BLDC Driver
Download  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9185QXV33 Datasheet(HTML) 64 Page - Infineon Technologies AG

Back Button TLE9185QXV33 Datasheet HTML 60Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 61Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 62Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 63Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 64Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 65Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 66Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 67Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 68Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 192 page
background image
Datasheet
64
Rev. 1.0
2021-01-21
TLE9185QXV33
BLDC Driver
Gate Drivers
Figure 38
Principle of the time modulation of the precharge phase, DEEP_ADAP = 1, AGC = 10B or 11B
TDON adaptation
with two current
steps (IPCHGADT =
1)
3 consecutive sign changes of (TDON
EFF- TDON TARGET) or No error for 3
consecutive PWM cycles
TDON adaptation
with one current step
3 consecutive sign changes
of (TDON EFF- TDON
TARGET)
Precharge phase splitted in 2
sub-phases
TDON EFF = TDON
TARGET
Precharge splitted:
75%-25% if TDON EFF > TDON TARGET
25%-75% if TDON EFF < TDON TARGET
tPCHG
i+1
50% 50%
i
or
tPCHG
i+2
Current
tPCHG
Current i
tPCHG
i+1
tPCHG
i
tPCHG
i+1
i
75%
25%
tPCHG
i+1
25% 75%
i
Etc... 1)
Yes
No
Yes
Yes
No
TDON EFF = TDON
TARGET
Precharge splitted:
E.g 87.5%-12.5%
Yes
No
2) Exit time modulation:
- tPCHG cannot be further divided due to the limitation of the resolution
- and the regulation of TDON is still not possible
 One single current is applied during tPCHG
TDON EFF = TDON TARGET
No
1) Precharge further split either:
- until TDON EFF = TDON TARGET
- Or until no further split of tPCHG is possible. Refer to 2).
No 2)


Similar Part No. - TLE9185QXV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
   BLDC Driver
Rev. 1.0 2021-01-21
More results

Similar Description - TLE9185QXV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
   BLDC Driver
Rev. 1.0 2021-01-21
logo
Lin Eng. Inc.
BLDC100 LINENGINEERING-BLDC100 Datasheet
4Mb / 5P
   BLDC DRIVER CONTROLLER
BLDC50 LINENGINEERING-BLDC50 Datasheet
4Mb / 5P
   BLDC DRIVER CONTROLLER
logo
Melexis Microelectronic...
MLX90283 MELEXIS-MLX90283 Datasheet
305Kb / 10P
   BLDC Vibration Motor Driver
logo
Fairchild Semiconductor
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
   3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
   3-Phase BLDC Motor Driver
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
   3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
   3-Phase BLDC Motor Driver
FAN8486D FAIRCHILD-FAN8486D Datasheet
308Kb / 16P
   2-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
   3-Phase BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com