Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE9185QXV33 Datasheet(PDF) 51 Page - Infineon Technologies AG

Part # TLE9185QXV33
Description  BLDC Driver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9185QXV33 Datasheet(HTML) 51 Page - Infineon Technologies AG

Back Button TLE9185QXV33 Datasheet HTML 47Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 48Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 49Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 50Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 51Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 52Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 53Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 54Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 55Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 192 page
background image
Datasheet
51
Rev. 1.0
2021-01-21
TLE9185QXV33
BLDC Driver
Gate Drivers
Post-charge
A post-charge is initiated if POCHGDIS is set to 0 (GENCTRL) to reach the minimum MOSFET Rdson:
• POCHGDIS = 0: After the charge phase, the control signal for the charge current of LSx is increased by one
current step at every bridge driver clock cycle (BDFREQ) to ICHGMAXx. Refer to Figure 27
• POCHGDIS = 1: The post-charge phase is disabled. The charge current is kept to the ICHGx
Figure 27
PWM overview - AGC = 10B or 11B, POCHGDIS=0 (post-charge enabled)
Figure 28
PWM overview - AGC = 10B or 11B, POCHGDIS=1 (post-charge disabled)
Table 18
Abbreviations for adaptive turn-on and turn-off phases in PWM configuration
Abbreviation
Definition
Suffix x
Related to the half-bridge x.
VGS_HSx
Gate-Source voltage of high-side MOSFET x.
IGS_HSx
Gate current of high-side MOSFET x.
IGS_HSx is positive when the current flows out of GHx.
VGS_LSx
Gate-Source voltage of low-side MOSFET x.
IGS_LSx
Gate current of low-side MOSFET x.
IGS_LSx is positive when the current flows out of GLx.
tPWM_SYNCH
Synchronization delay between external and internal PWM signal.
tHBxCCP ACTIVE
Active cross-current protection time of HBx. See control register CCP_BLK.
tHBxBLANK ACTIVE
Active Drain-source overvoltage blank time of HBx. See control register and CCP_BLK.
tHBxCCP FW
Freewheeling cross-current protection time of HBx. See control register CCP_BLK.
IGS
IPRECHGx
- IPREDCHGx
ICHGMAXx
- IDCHGx
ICHGx
Post-charge
0
tPDCHGx
t
tHBxCPP active
tPCHGx
tBLANK active
Precharge
Predischarge
Turn-on of:
PWM MOSFET if EN_GEN_CHECK = 0
Active MOSFET if EN_GEN_CHECK =1
Turn-off of:
PWM MOSFET if EN_GEN_CHECK = 0
Active MOSFET if EN_GEN_CHECK =1
IGS
IPRECHGx
- IPREDCHGx
- IDCHGx
ICHGx
0
Turn-on of:
PWM MOSFET if EN_GEN_CHECK = 0
Active MOSFET if EN_GEN_CHECK =1
t
tHBxCPP Active
tBLANK Active
tPDCHGx
tPCHGx
Precharge
Predischarge
Turn-off of:
PWM MOSFET if EN_GEN_CHECK = 0
Active MOSFET if EN_GEN_CHECK =1


Similar Part No. - TLE9185QXV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
BLDC Driver
Rev. 1.0 2021-01-21
More results

Similar Description - TLE9185QXV33

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
3-Phase BLDC Motor Driver
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
3-Phase BLDC Motor Driver
FAN8486D FAIRCHILD-FAN8486D Datasheet
308Kb / 16P
2-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
3-Phase BLDC Motor Driver
logo
Melexis Microelectronic...
MLX90283 MELEXIS-MLX90283 Datasheet
305Kb / 10P
BLDC Vibration Motor Driver
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
BLDC Driver
Rev. 1.0 2021-01-21
logo
Lin Eng. Inc.
BLDC100 LINENGINEERING-BLDC100 Datasheet
4Mb / 5P
BLDC DRIVER CONTROLLER
BLDC50 LINENGINEERING-BLDC50 Datasheet
4Mb / 5P
BLDC DRIVER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com