Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE9185QXV33 Datasheet(PDF) 44 Page - Infineon Technologies AG

Part # TLE9185QXV33
Description  BLDC Driver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9185QXV33 Datasheet(HTML) 44 Page - Infineon Technologies AG

Back Button TLE9185QXV33 Datasheet HTML 40Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 41Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 42Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 43Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 44Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 45Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 46Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 47Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 48Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 192 page
background image
Datasheet
44
Rev. 1.0
2021-01-21
TLE9185QXV33
BLDC Driver
Gate Drivers
• Activated (statically, no PWM, HBx_PWM_EN = 0).
• Activated in PWM mode (HBx_PWM_EN = 1).
Refer to Table 16 for details.
9.2
Static activation
In this section, we consider the static activation of the high-side and low-side MOSFET of the half-bridge x:
HBx_PWM_EN= 0 (in ST_ICHG) and CPEN = 1.
The low-side or high-side MOSFET of HBx is statically activated (no PWM) by setting HBxMODE[1:0] to
respectively (0,1) or (1,0).
The configured active cross-current protection and the Drain-Source overvoltage blank times for the Half-
Bridge x are noted tHBxCCPACTIVE and tHBxBLANKACTIVE.
The charge and discharge currents applied to the static controlled Half-Bridge x are noted ICHGSTx
(ST_ICHG).
IHARDOFF is the maximum current that the gate drivers can sink (150 mA typ.). This current is used to keep a
MOSFET off, when the opposite MOSFET of the same half-bridge is being turned on. This feature reduces the
risk of parasitic cross-current conduction.
ICHGSTx is the current sourced, respectively sunk, by the gate driver to turn-on the high-side x or low-side x.
ICHGSTx is configured in the control register ST_ICHG.
Table 16
Half-bridge mode selection
CPEN
HBxMODE[1:0]1)
1) x = 1 … 3
Configuration of HSx/LSx1)
CPEN = 0
Don’t care
All MOSFETs are kept off by the passive discharge
CPEN = 1
00B
HBx MOSFETs are kept off by the passive discharge
CPEN = 1
01B
LSx MOSFET is ON, HSx MOSFET is actively kept OFF
CPEN = 1
10B
HSx MOSFET is ON, LSx MOSFET is actively kept OFF
CPEN = 1
11B
LSx and HSx MOSFETs are actively kept OFF with IHOLD
Table 17
Static charge currents
ICHGSTx[3:0]
Nom. charge current
[mA]
Nom. discharge current
[mA]
Max. deviation to typ. values
0000B
0.5 (ICHG0)0.5 (IDCHG0)
+/- 60%
0001B
1.8 (ICHG4)1.8 (IDCHG4)
+/- 60 %
0010B
4.7 (ICHG8)4.7 (IDCHG8)
+/- 60 %
0011B
9.4 (ICHG12)9.4 (IDCHG12)
+/- 60 %
0100B
15.3 (ICHG16)
15.1 (IDCHG16)
+/- 40 %
0101B
23 (ICHG20)
22.5 (IDCHG20)
+/- 40 %
0110B
31.6 (ICHG24)
30.9 (IDCHG24)
+/- 40 %
0111B
41.6 (ICHG28)
40.8 (IDCHG28)
+/- 40%


Similar Part No. - TLE9185QXV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
BLDC Driver
Rev. 1.0 2021-01-21
More results

Similar Description - TLE9185QXV33

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
3-Phase BLDC Motor Driver
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
3-Phase BLDC Motor Driver
FAN8486D FAIRCHILD-FAN8486D Datasheet
308Kb / 16P
2-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
3-Phase BLDC Motor Driver
logo
Melexis Microelectronic...
MLX90283 MELEXIS-MLX90283 Datasheet
305Kb / 10P
BLDC Vibration Motor Driver
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
BLDC Driver
Rev. 1.0 2021-01-21
logo
Lin Eng. Inc.
BLDC100 LINENGINEERING-BLDC100 Datasheet
4Mb / 5P
BLDC DRIVER CONTROLLER
BLDC50 LINENGINEERING-BLDC50 Datasheet
4Mb / 5P
BLDC DRIVER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com