Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE9185QXV33 Datasheet(PDF) 42 Page - Infineon Technologies AG

Part # TLE9185QXV33
Description  BLDC Driver
Download  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9185QXV33 Datasheet(HTML) 42 Page - Infineon Technologies AG

Back Button TLE9185QXV33 Datasheet HTML 38Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 39Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 40Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 41Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 42Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 43Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 44Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 45Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 46Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 192 page
background image
TLE9185QXV33
BLDC Driver
Interrupt Function
Datasheet
42
Rev.1.0
2021-01-21
8.2
Electrical Characteristics
Table 15
Electrical Characteristics
VSINT = 5.5 V to 28 V; Tj = -40°C to +150°C; Normal Mode; all voltages with respect to ground; positive current
defined flowing into pin; unless otherwise specified.
Parameter
Symbol
Values
Unit
Note or
Test Condition
Number
Min.
Typ.
Max.
Interrupt Output; Pin INTN
INTN High Output Voltage VINTN,H
0.8 ×
VCC1
––
V
1)IINTN = -2 mA;
INTN = off
1) Output Voltage Value also determines device configuration during Init Mode.
P_11.2.8
INTN Low Output Voltage VINTN,L
0.2 ×
VCC1
V
1)IINTN = 2mA;
INTN = on
P_11.2.9
INTN Pulse Width
tINTN
80
100
120
µs
2)
2) Not subject to production test, tolerance defined by internal oscillator tolerance.
P_11.2.3
INTN Pulse Minimum
Delay Time
tINTND
80
100
120
µs
2) between
consecutive pulses
P_11.2.4
Pulse in case of pending
INTN
tINTN_PUL
SE
45
6ms
2) between
consecutive pulses
P_11.2.5
SDM Select; Pin INTN
Config Pull-up Resistance RSDM
30
60
100
kΩ
VINTN = 1.0 V
P_11.2.10
Config Select Filter Time tSDM_F
50
64
80
µs
2)
P_11.2.7


Similar Part No. - TLE9185QXV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
BLDC Driver
Rev. 1.0 2021-01-21
More results

Similar Description - TLE9185QXV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
BLDC Driver
Rev. 1.0 2021-01-21
logo
Lin Eng. Inc.
BLDC100 LINENGINEERING-BLDC100 Datasheet
4Mb / 5P
BLDC DRIVER CONTROLLER
BLDC50 LINENGINEERING-BLDC50 Datasheet
4Mb / 5P
BLDC DRIVER CONTROLLER
logo
Melexis Microelectronic...
MLX90283 MELEXIS-MLX90283 Datasheet
305Kb / 10P
BLDC Vibration Motor Driver
logo
Fairchild Semiconductor
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
3-Phase BLDC Motor Driver
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
3-Phase BLDC Motor Driver
FAN8486D FAIRCHILD-FAN8486D Datasheet
308Kb / 16P
2-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
3-Phase BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com