Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE9185QXV33 Datasheet(PDF) 34 Page - Infineon Technologies AG

Part # TLE9185QXV33
Description  BLDC Driver
Download  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9185QXV33 Datasheet(HTML) 34 Page - Infineon Technologies AG

Back Button TLE9185QXV33 Datasheet HTML 30Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 31Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 32Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 33Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 34Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 35Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 36Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 37Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 38Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 192 page
background image
TLE9185QXV33
BLDC Driver
Voltage Regulator 1
Datasheet
34
Rev.1.0
2021-01-21
6.3
Electrical Characteristics
Table 12
Electrical Characteristics
; VSINT = 3.8V to 28V; Tj = -40°C to +150°C; all voltages with respect to ground, positive current flowing into pin
(unless otherwise specified).
Parameter
Symbol
Values
Unit Note or
Test Condition
Number
Min. Typ. Max.
Output Voltage including Line
and Load Regulation
VCC1,out1
3.23 3.3
3.37
V
1)Normal Mode; 10 µA <
IVCC1< 150 mA
1) In Stop Mode, the specified output voltage tolerance applies when IVCC1 has exceeded the selected active peak
threshold (IVCC1,Ipeak1,r or IVCC1,Ipeak2,r) but with increased current consumption.
P_6.3.5
Output Voltage including Line
and Load Regulation
(Full Load Current Range)
VCC1,out2
3.23 3.3
3.37
V
1)Normal Mode;
5.5 V < VSINT < 28 V;
10 µA < IVCC1< 250 mA
P_6.3.6
Output Voltage including Line
and Load Regulation
(low-power mode)
VCC1,out4
3.17 3.3
3.43
V
Stop Mode;
10 µA < IVCC1< IVCC1,Ipeak
P_6.3.8
Output Drop Voltage
VCC1,d1
200
400
mV
IVCC1 = 50 mA,
VSINT = 3.3 V
P_6.3.11
Output Drop Voltage
VCC1,d2
300
500
mV
IVCC1 = 150 mA,
VSINT = 3.3 V
P_6.3.12
VCC1 Active Peak Threshold 1
(Transition threshold
between low-power and high-
power mode regulator)
IVCC1,Ipeak1,r –3.25 5.0
mA
2) ICC1 rising;
VSINT = 13.5 V;
I_PEAK_TH = ‘0’
2) Not subject to production test, specified by design.
P_6.3.17
VCC1 Active Peak Threshold 1
(Transition threshold
between high-power and low-
power mode regulator)
IVCC1,Ipeak1,f
1.2
1.7
mA
2) ICC1 falling;
VSINT = 13.5V;
I_PEAK_TH = ‘0’
P_6.3.18
VCC1 Active Peak Threshold 2
(Transition threshold
between low-power and high-
power mode regulator)
IVCC1,Ipeak2,r 6–
20
mA
2) ICC1 rising;
VSINT = 13.5 V;
I_PEAK_TH = ‘1’
P_6.3.19
VCC1 Active Peak Threshold 2
(Transition threshold
between high-power and low-
power mode regulator)
IVCC1,Ipeak2,f
5–
15
mA
2) ICC1 falling;
VSINT = 13.5V;
I_PEAK_TH = ‘1’
P_6.3.20
Overcurrent Limitation
IVCC1,lim
260
360
500
mA
current following out of
pin, VCC1= 0V 2)
P_6.3.21
MinimumOutputCapacitance
for stability
CVCC1,min
13)
3) Value is meant to be an effective value at rated output voltage level.
––
µF
2)
P_6.3.22
Maximum Output
Capacitance
CVCC1,max
––
47
µF
2)
P_6.3.23


Similar Part No. - TLE9185QXV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
   BLDC Driver
Rev. 1.0 2021-01-21
More results

Similar Description - TLE9185QXV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
   BLDC Driver
Rev. 1.0 2021-01-21
logo
Lin Eng. Inc.
BLDC100 LINENGINEERING-BLDC100 Datasheet
4Mb / 5P
   BLDC DRIVER CONTROLLER
BLDC50 LINENGINEERING-BLDC50 Datasheet
4Mb / 5P
   BLDC DRIVER CONTROLLER
logo
Melexis Microelectronic...
MLX90283 MELEXIS-MLX90283 Datasheet
305Kb / 10P
   BLDC Vibration Motor Driver
logo
Fairchild Semiconductor
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
   3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
   3-Phase BLDC Motor Driver
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
   3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
   3-Phase BLDC Motor Driver
FAN8486D FAIRCHILD-FAN8486D Datasheet
308Kb / 16P
   2-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
   3-Phase BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com