Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE9185QXV33 Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # TLE9185QXV33
Description  BLDC Driver
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9185QXV33 Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button TLE9185QXV33 Datasheet HTML 28Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 29Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 30Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 31Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 32Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 33Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 34Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 35Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 36Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 192 page
background image
TLE9185QXV33
BLDC Driver
Voltage Regulator 1
Datasheet
32
Rev.1.0
2021-01-21
6
Voltage Regulator 1
VCC1 is a voltage reference for the current sense amplifier, for the SPI interface and for the PWM inputs. VCC1
has its own internal voltage regulator and may not be connected to the output of another voltage regulator.
6.1
Block Description
Figure 16 Module Block Diagram
Functional Features
• 3.3 V low-drop voltage regulator.
• Undervoltage monitoring with adjustable reset level and VCC1 undervoltage prewarning (refer to
Chapter 10.6 and Chapter 10.7 for more information).
• Short circuit detection and switch off with undervoltage fail threshold, device enters Fail-Safe Mode.
• Effective capacitance must be ≥ 1 µF at nominal voltage output for stability. A 2.2 µF ceramic capacitor
(MLCC) is recommended for best transient response.
• Output current capability up to IVCC1,lim.
GND
Overtemperature
Shutdown
1
Bandgap
Reference
VSINT
State
Machine
VCC1
INH
Vref


Similar Part No. - TLE9185QXV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
BLDC Driver
Rev. 1.0 2021-01-21
More results

Similar Description - TLE9185QXV33

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
3-Phase BLDC Motor Driver
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
3-Phase BLDC Motor Driver
FAN8486D FAIRCHILD-FAN8486D Datasheet
308Kb / 16P
2-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
3-Phase BLDC Motor Driver
logo
Melexis Microelectronic...
MLX90283 MELEXIS-MLX90283 Datasheet
305Kb / 10P
BLDC Vibration Motor Driver
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
BLDC Driver
Rev. 1.0 2021-01-21
logo
Lin Eng. Inc.
BLDC100 LINENGINEERING-BLDC100 Datasheet
4Mb / 5P
BLDC DRIVER CONTROLLER
BLDC50 LINENGINEERING-BLDC50 Datasheet
4Mb / 5P
BLDC DRIVER CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com