Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE9185QXV33 Datasheet(PDF) 30 Page - Infineon Technologies AG

Part # TLE9185QXV33
Description  BLDC Driver
Download  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9185QXV33 Datasheet(HTML) 30 Page - Infineon Technologies AG

Back Button TLE9185QXV33 Datasheet HTML 26Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 27Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 28Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 29Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 30Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 31Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 32Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 33Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 34Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 192 page
background image
TLE9185QXV33
BLDC Driver
System Features
Datasheet
30
Rev.1.0
2021-01-21
Figure 14 Cyclic Wake: Configuration and Sequence
Note:
The on-time is only used to enable the cyclic wake function regardless of the value of the on time, i.e.
the on time value has no meaning to the cyclic wake function as long as it is not ‘000’ or ‘110’ or ‘111’.
The cyclic wake function will start as soon as the on-time is configured. An interrupt is generated for every start
of the on-time except for the very first time when the timer is started.
5.7.2
Internal Timers
Two integrated timers can be used to control the below features:
• Cyclic Wake, i.e. to wake up the microcontroller periodically in Normal Mode, Stop Mode and Sleep Mode.
Cyclic Wake Configuration
Cyclic Wake starts / ends by
setting / clearing On-time
INTN is pulled low at every rising
edge of On-time except first one
Select Timer Period and any
On-Time in
TIMER_CTRL
Periods: 10, 20, 50, 100, 200ms, 1s, 2s
On-times: any
(OFF/LOW & OFF/HIGH are not allowed)
Disable Timer1 and Timer2 as a wake
source in
TIMER_CTRL
To avoid unintentional interrupts
Select Timer1 or Timer2 as a wake
source in
TIMER_CTRL
No interrupt will be generated,
if the timer is not enabled as a wake source


Similar Part No. - TLE9185QXV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
BLDC Driver
Rev. 1.0 2021-01-21
More results

Similar Description - TLE9185QXV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
BLDC Driver
Rev. 1.0 2021-01-21
logo
Lin Eng. Inc.
BLDC100 LINENGINEERING-BLDC100 Datasheet
4Mb / 5P
BLDC DRIVER CONTROLLER
BLDC50 LINENGINEERING-BLDC50 Datasheet
4Mb / 5P
BLDC DRIVER CONTROLLER
logo
Melexis Microelectronic...
MLX90283 MELEXIS-MLX90283 Datasheet
305Kb / 10P
BLDC Vibration Motor Driver
logo
Fairchild Semiconductor
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
3-Phase BLDC Motor Driver
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
3-Phase BLDC Motor Driver
FAN8486D FAIRCHILD-FAN8486D Datasheet
308Kb / 16P
2-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
3-Phase BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com