Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE9185QXV33 Datasheet(PDF) 29 Page - Infineon Technologies AG

Part # TLE9185QXV33
Description  BLDC Driver
Download  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9185QXV33 Datasheet(HTML) 29 Page - Infineon Technologies AG

Back Button TLE9185QXV33 Datasheet HTML 25Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 26Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 27Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 28Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 29Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 30Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 31Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 32Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 33Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 192 page
background image
TLE9185QXV33
BLDC Driver
System Features
Datasheet
29
Rev.1.0
2021-01-21
5.6.3
Transition into Fail-Safe Mode
The Fail-Safe Mode can be entered in case of critical event as shown in the following figure.
Figure 13 Move into Fail-Safe Mode
Prerequisites:
• Critical events on VCC1
• Watchdog trigger failures
Trigger Events:
• Device thermal shutdown (TSD2) (see also Chapter 10.8.3).
• VCC1 is shorted to GND (see also Chapter 10.7).
• VCC1 over voltage (based on VCC1_OV_MOD).
• 4 consecutive Watchdog trigger failure.
• 4 consecutive VCC1 under voltage events.
5.7
Wake Features
Following wake sources are implemented in the device:
• Static Sense: WKx inputs are permanently active as wake sources.
• Cyclic Wake: wake controlled by internal timers, wake inputs are not used for cyclic wake.
5.7.1
Cyclic Wake
For the cyclic wake feature one timer is configured as internal wake-up source and will periodically trigger an
interrupt on INTN in Normal Mode and Stop Mode. During Sleep Mode, the timer triggers and wakes up the
device again. The device enters via Restart Mode the Normal Mode.
The correct sequence to configure the cyclic wake is shown in Figure 14. The sequence is as follows:
VCC1 Short to GND
TSD2 event
Fail-Safe Mode
VCC1
OFF
CP
OFF
WD
OFF
BD
OFF
Cyc.
Wake
OFF
CSA
OFF
After 4x consecutive
Watchdog failure
VCC1 over voltage
(depend from VCC1_OV_MOD setting)
After 4x consecutive VCC1
under voltage events
(if VS_INT > VS_INT_UV)


Similar Part No. - TLE9185QXV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
   BLDC Driver
Rev. 1.0 2021-01-21
More results

Similar Description - TLE9185QXV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
   BLDC Driver
Rev. 1.0 2021-01-21
logo
Lin Eng. Inc.
BLDC100 LINENGINEERING-BLDC100 Datasheet
4Mb / 5P
   BLDC DRIVER CONTROLLER
BLDC50 LINENGINEERING-BLDC50 Datasheet
4Mb / 5P
   BLDC DRIVER CONTROLLER
logo
Melexis Microelectronic...
MLX90283 MELEXIS-MLX90283 Datasheet
305Kb / 10P
   BLDC Vibration Motor Driver
logo
Fairchild Semiconductor
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
   3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
   3-Phase BLDC Motor Driver
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
   3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
   3-Phase BLDC Motor Driver
FAN8486D FAIRCHILD-FAN8486D Datasheet
308Kb / 16P
   2-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
   3-Phase BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com