| Electronic Components Datasheet Search |
|
TLE9185QXV33 Datasheet(PDF) 27 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE9185QXV33 Datasheet(HTML) 27 Page - Infineon Technologies AG |
|
27 / 192 page ![]() TLE9185QXV33 BLDC Driver System Features Datasheet 27 Rev.1.0 2021-01-21 5.5.6 Sleep Mode -> Restart Mode This transition is the consequence of a detection of wake-up event by the device. This transition is used to ramp up VCC1 after a wake in a defined way. Prerequisites: • Device in Sleep Mode • At least one wake-up source active Triggering Events: • A wake-up event on WKx, Cyclic Wake. • Bridge driver low-side short circuit detected during overvoltage braking or in parking braking mode. Note • It is not possible to switch off all wake sources in Sleep Mode. Doing so will set the SPI_FAIL flag and will bring the device into Restart Mode. • RSTN is pulled low during Restart Mode. • The Restart Mode entry is signalled in the SPI register DEV_STAT. • The wake-up events are flaged in WK_STAT register or DSOV register. 5.5.7 Restart Mode -> Normal Mode From Restart Mode, the device goes automatically to Normal Mode. Prerequisites: • Device in Sleep Mode or Fail-Safe Mode Triggering Events: •Automatic • Reset is released Note • The watchdog timer will start with a long open window starting from the moment of the rising edge of RSTN and the watchdog period setting in the register WD_CTRL will be changed to the respective default value. 5.5.8 Fail-Safe Mode -> Restart Mode This transition is similar to device from Sleep Mode to Restart Mode and consequence of a detection of wake- up event by the device. This transition is used to ramp up VCC1 after a wake in a defined way. Prerequisites: • Device in Fail-Safe Mode Triggering Events: • A wake-up event on WKx, TSD2 (released over temperature TDS2 after tTSD2). • Bridge Driver Low Side short circuit detected during VS/VSINT overvoltage braking mode or in parking braking mode. Note: After leaving Fail-Safe Mode, the FAILURE bit in DEV_STAT register is set. |
Similar Part No. - TLE9185QXV33 |
|
Similar Description - TLE9185QXV33 |
|
|
Link URL |
| Privacy Policy |
| ALLDATASHEET.COM |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |