Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLE9185QXV33 Datasheet(PDF) 23 Page - Infineon Technologies AG

Part # TLE9185QXV33
Description  BLDC Driver
Download  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE9185QXV33 Datasheet(HTML) 23 Page - Infineon Technologies AG

Back Button TLE9185QXV33 Datasheet HTML 19Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 20Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 21Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 22Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 23Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 24Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 25Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 26Page - Infineon Technologies AG TLE9185QXV33 Datasheet HTML 27Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 192 page
background image
TLE9185QXV33
BLDC Driver
System Features
Datasheet
23
Rev.1.0
2021-01-21
5.4.6
Fail-Safe Mode
The purpose of this mode is to bring the system in a safe status after a failure condition by turning OFF VCC1 .
After a wake event the system is then able to restart again.
Figure 11 Fail-Safe Mode
Note
• In Fail-Safe Mode, the default wake sources WKx (if configured as wake inputs) are activated automatically
and all wake event bits will be cleared.
• The Fail-Safe Mode will be maintained until a wake event on the default wake sources occurs. To avoid any
fast toggling behavior a filter time of typ. 100ms (tFS,min) is implemented. Wake events during this time will
be stored and will automatically lead to entering Restart Mode after the filter time.
In case of an VCC1 overtemperature shutdown (TSD2) the Restart Mode will be reached automatically after
a filter time of typ. 1s (tTSD2) without the need of a wake event once the device temperature has fallen below
the TSD2 threshold.
• The parking braking mode is automatically disabled in Fail-Safe Mode.
Table 9
Restart Mode Settings
Part/Function
Value
Description
VCC1
ON/
ramping
• VCC1 is ON or ramping up
WD
OFF
• WD will be disabled if it was activated before
BD/CP
OFF
• The Bridge Drivers and Charge Pump are OFF
CSA
OFF
• Current Sense Amplifier is OFF
Cyc. Wake
OFF
• Cyclic wake will be disabled if it was activated before
Table 10
Fail-Safe Mode Settings
Part/Function
Value
Description
VCC1
OFF
• VCC1 is switched OFF
WD
OFF
•WD is switched OFF
BD/CP
OFF
• The Bridge Drivers and Charge Pump are OFF
CSA
OFF
• Current Sense Amplifier is OFF
Cyc. Wake
OFF
• Cyclic wake is switched OFF
Fail-Safe Mode
VCC1
OFF
CP
OFF
WD
OFF
BD
OFF
Cyc.
Wake
OFF
CSA
OFF


Similar Part No. - TLE9185QXV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
   BLDC Driver
Rev. 1.0 2021-01-21
More results

Similar Description - TLE9185QXV33

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE9185QX INFINEON-TLE9185QX Datasheet
5Mb / 193P
   BLDC Driver
Rev. 1.0 2021-01-21
logo
Lin Eng. Inc.
BLDC100 LINENGINEERING-BLDC100 Datasheet
4Mb / 5P
   BLDC DRIVER CONTROLLER
BLDC50 LINENGINEERING-BLDC50 Datasheet
4Mb / 5P
   BLDC DRIVER CONTROLLER
logo
Melexis Microelectronic...
MLX90283 MELEXIS-MLX90283 Datasheet
305Kb / 10P
   BLDC Vibration Motor Driver
logo
Fairchild Semiconductor
FAN8423D3 FAIRCHILD-FAN8423D3 Datasheet
249Kb / 18P
   3-Phase BLDC Motor Driver
KA3080 FAIRCHILD-KA3080 Datasheet
540Kb / 20P
   3-Phase BLDC Motor Driver
FAN8420D3 FAIRCHILD-FAN8420D3 Datasheet
252Kb / 18P
   3-Phase BLDC Motor Driver
KA2822CD FAIRCHILD-KA2822CD Datasheet
456Kb / 14P
   3-Phase BLDC Motor Driver
FAN8486D FAIRCHILD-FAN8486D Datasheet
308Kb / 16P
   2-Phase BLDC Motor Driver
KA2822D FAIRCHILD-KA2822D Datasheet
188Kb / 15P
   3-Phase BLDC Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com