Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1395671 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 1395671
Description  Vacuum suction cup
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

1395671 Datasheet(HTML) 1 Page - Festo Corporation.

  1395671 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Vacuum suction cup
VASB-15-1/8-PUR-B
Part number: 1395671
Data sheet
Feature
Value
Suction cup height compensation
5.6 mm
Nominal width
3 mm
Suction cup diameter
15 mm
Suction cup volume
0.83 cm³
Effective suction cup diameter
12.4 mm
Connection position
Top
Mounting position
Any
Symbol
00991485
Suction cup shape
Round bellows, 1.5 convolutions
Operating pressure
-0.95 bar ... 0 bar
Nominal operating pressure
-0.7 bar
Operating medium
Atmospheric air based on ISO 8573-1:2010 [7:-:-]
Corrosion resistance class (CRC)
2 - Moderate corrosion stress
Ambient temperature
-20 °C ... 60 °C
Holding force at nominal operating pressure
8.5 N
Product weight
11 g
Type of mounting
Via vacuum connection
Vacuum connection
G1/8
Color
Blue
Shore hardness
60 +/- 5
Material of screwed trunnion
Brass
Note on materials
RoHS-compliant
Suction cup material
PUR
6/7/22 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 1395671

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
1395606 FESTO-1395606 Datasheet
105Kb / 1P
Rotary actuator
1395637 FESTO-1395637 Datasheet
77Kb / 1P
Vacuum suction cup
6/9/22
1395690 FESTO-1395690 Datasheet
81Kb / 1P
Vacuum suction cup
6/7/22
1395691 FESTO-1395691 Datasheet
81Kb / 1P
Vacuum suction cup
6/9/22
More results

Similar Description - 1395671

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
189284 FESTO-189284 Datasheet
96Kb / 1P
Vacuum suction cup
6/10/22
189291 FESTO-189291 Datasheet
85Kb / 1P
Vacuum suction cup
6/10/22
189292 FESTO-189292 Datasheet
97Kb / 1P
Vacuum suction cup
6/10/22
189325 FESTO-189325 Datasheet
87Kb / 1P
Vacuum suction cup
6/10/22
189327 FESTO-189327 Datasheet
87Kb / 1P
Vacuum suction cup
6/10/22
189334 FESTO-189334 Datasheet
96Kb / 1P
Vacuum suction cup
6/10/22
189336 FESTO-189336 Datasheet
85Kb / 1P
Vacuum suction cup
6/10/22
189337 FESTO-189337 Datasheet
97Kb / 1P
Vacuum suction cup
6/10/22
189362 FESTO-189362 Datasheet
88Kb / 1P
Vacuum suction cup
6/10/22
35410 FESTO-35410 Datasheet
73Kb / 1P
Vacuum suction cup
6/9/22
36143 FESTO-36143 Datasheet
84Kb / 1P
Vacuum suction cup
6/9/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com