Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HV-6X2P1 Datasheet(PDF) 1 Page - First Components International

Part # HV-6X2P1
Description  550 mA HIGH VOLTAGE MICROWAVE OVEN RECTIFIERS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International

HV-6X2P1 Datasheet(HTML) 1 Page - First Components International

  HV-6X2P1 Datasheet HTML 1Page - First Components International  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Description
Features
Mechanical Dimensions
Electrical Characteristics @ 25oC.
Maximum Ratings
Peak Repetitive Reverse Voltage...V
RRM
DC Reverse Current...I
R
V
R = 6 KV
(D1)
V
R = 1.7 KV (D2)
Reverse Breakdown Voltage...V
Z
I
R = 100 uA
Operating Temperature...T
J
Storage Temperature Range...T
STRG
HV-6X2P1 Series
Page 5-13
Data Sheet
550 mA HIGH VOLTAGE
MICROWAVE OVEN
RECTIFIERS
Units
............................................ 1 0 ................................................
............................................ 130 ................................................
µAmps
Volts
°C
°C
KVolts
......................................... -40 to 130 ..........................................
n HIGH OVERLOAD SURGE CAPABILITY
n CONTROLLED AVALANCHE
CHARACTERISTICS
n LOW FORWARD VOLTAGE DROP
n TYPICAL I
R < 1µ
µµµµA
n HIGH TEMPERATURE SOLDERING –
250°°°°°C 10 Seconds
n MEETS UL SPECIFICATION 94V-0
D1
D2
6
1.7
< ............... 7-12 ............. > < ............... 2.1-2.7 ............. >
.285
.866
.050
3.51
.172 DIA.
1.00 Min.
25 (6,4)
Faston
Terminal
Double Cathode Band
D2
D1
D1
D2


Similar Part No. - HV-6X2P1

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
HV-63V100MF61-R2 TAIYO-YUDEN-HV-63V100MF61-R2 Datasheet
247Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HV]
HV-63V100MF61E-R2 TAIYO-YUDEN-HV-63V100MF61E-R2 Datasheet
246Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HV]
HV-63V100MF61EQ-R2 TAIYO-YUDEN-HV-63V100MF61EQ-R2 Datasheet
246Kb / 2P
   FOR AUTOMOTIVE CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HV]
HV-63V100MF61N-R2 TAIYO-YUDEN-HV-63V100MF61N-R2 Datasheet
373Kb / 2P
   CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HV1] FOR AUTOMOTIVE BODY & CHASSIS AND INFOTAINMENT
HV-63V100MF61Q-R2 TAIYO-YUDEN-HV-63V100MF61Q-R2 Datasheet
247Kb / 2P
   FOR AUTOMOTIVE CONDUCTIVE POLYMER HYBRID ALUMINUM ELECTROLYTIC CAPACITORS[HV]
More results

Similar Description - HV-6X2P1

ManufacturerPart #DatasheetDescription
logo
First Components Intern...
HV05 FCI-HV05 Datasheet
125Kb / 2P
   550 mA HIGH VOLTAGE MICROWAVE OVEN RECTIFIERS
logo
List of Unclassifed Man...
HV07 ETC1-HV07 Datasheet
123Kb / 2P
   750 mA HIGH VOLTAGE MICROWAVE OVEN RECTIFIERS
logo
First Components Intern...
HV07 FCI-HV07 Datasheet
125Kb / 2P
   750 mA HIGH VOLTAGE MICROWAVE OVEN RECTIFIERS
HV03 FCI-HV03 Datasheet
125Kb / 2P
   350 mA HIGH VOLTAGE MICROWAVE OVEN RECTIFIERS
logo
GETAI ELECTRONICS DEVIC...
CL01-12 GETEDZ-CL01-12_V01 Datasheet
507Kb / 2P
   High Voltage Microwave Oven Rectifiers Diodes
CL01-16 GETEDZ-CL01-16 Datasheet
507Kb / 2P
   High Voltage Microwave Oven Rectifiers Diodes
CL04-09 GETEDZ-CL04-09 Datasheet
507Kb / 2P
   High Voltage Microwave Oven Rectifiers Diodes
CL04-16 GETEDZ-CL04-16 Datasheet
507Kb / 2P
   High Voltage Microwave Oven Rectifiers Diodes
CL01-09 GETEDZ-CL01-09 Datasheet
507Kb / 2P
   High Voltage Microwave Oven Rectifiers Diodes
CL04-12 GETEDZ-CL04-12 Datasheet
507Kb / 2P
   High Voltage Microwave Oven Rectifiers Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com