Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VFM-50-UW-D Datasheet(PDF) 2 Page - CUI INC

Part # VFM-50-UW-D
Description  DC POWER LINE FILTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VFM-50-UW-D Datasheet(HTML) 2 Page - CUI INC

  VFM-50-UW-D Datasheet HTML 1Page - CUI INC VFM-50-UW-D Datasheet HTML 2Page - CUI INC VFM-50-UW-D Datasheet HTML 3Page - CUI INC VFM-50-UW-D Datasheet HTML 4Page - CUI INC VFM-50-UW-D Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cui.com
date 01/25/2022
│ page 2 of 5
CUI Inc
│ SERIES: VFM-50-UW │ DESCRIPTION: DC POWER LINE FILTER
SOLDERABILITY2
parameter
conditions/description
min
typ
max
units
hand soldering
for 3~5 seconds
350
360
370
°C
wave soldering
see wave soldering profile
260
°C
Note:
2. For board mount models only.
units: mm [inch]
tolerance: ±0.50[±0.020]
pin diameter tolerance: ±0.10[±0.004]
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
board mount: 53.80 x 28.80 x 19.00 [2.118 x 1.134 x 0.748 inch]
chassis mount: 76.00 x 31.50 x 27.80 [2.992 x 1.240 x 1.094 inch]
DIN-Rail mount: 76.00 x 31.50 x 32.40 [2.992 x 1.240 x 1.276 inch]
mm
mm
mm
case material
black flame-retardant heat-proof epoxy resin (UL94V-0)
weight
board mount
chassis mount
DIN-rail mount
50
70
90
g
g
g
MECHANICAL DRAWING (BOARD MOUNT)
PIN CONNECTIONS
PIN
Function
1
GND
2
-Vin
3
+Vin
4
+Vout
5
-Vout
Recommended PCB Layout
Top View
Additional Resources: Product Page | PCB Footprint


Similar Part No. - VFM-50-UW-D

ManufacturerPart #DatasheetDescription
logo
CUI INC
VFM-50-UW CUI-VFM-50-UW Datasheet
810Kb / 7P
DC POWER LINE FILTER
More results

Similar Description - VFM-50-UW-D

ManufacturerPart #DatasheetDescription
logo
CUI INC
VFM-03 CUI-VFM-03 Datasheet
1Mb / 7P
DC POWER LINE FILTER
VFM-30-UW CUI-VFM-30-UW Datasheet
796Kb / 7P
DC POWER LINE FILTER
VFM-30-W CUI-VFM-30-W Datasheet
793Kb / 7P
DC POWER LINE FILTER
VFM-50-UW CUI-VFM-50-UW Datasheet
810Kb / 7P
DC POWER LINE FILTER
VFM-70 CUI-VFM-70 Datasheet
787Kb / 7P
DC POWER LINE FILTER
VFM-03 CUI-VFM-03_V01 Datasheet
811Kb / 5P
DC POWER LINE FILTER
01/25/2022
VFM-30-W CUI-VFM-30-W_V01 Datasheet
781Kb / 5P
DC POWER LINE FILTER
01/14/2022
VFM-70 CUI-VFM-70_V01 Datasheet
776Kb / 5P
DC POWER LINE FILTER
01/25/2022
VFM-50 CUI-VFM-50_V01 Datasheet
779Kb / 5P
DC POWER LINE FILTER
01/25/2022
VFM-30-UW CUI-VFM-30-UW_V01 Datasheet
863Kb / 5P
DC POWER LINE FILTER
01/14/2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com