Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3060393 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3060393
Description  End cover - D-UTTB 2,5/4 2P
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3060393 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3060393 Datasheet HTML 1Page - PHOENIX CONTACT 3060393 Datasheet HTML 2Page - PHOENIX CONTACT 3060393 Datasheet HTML 3Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
https://www.phoenixcontact.com/pi/products/3060393
09/12/2020   Page 1 / 3
End cover - D-UTTB 2,5/4 2P - 3060393
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
End cover, length: 74.3 mm, width: 2.2 mm, height: 66 mm, color: gray
Key Commercial Data
Packing unit
50 pc
Minimum order quantity
50 pc
GTIN
GTIN
4046356132060
Technical data
General
Color
gray
Material
PA
Flammability rating according to UL 94
V0
Dimensions
Width
2.2 mm
Length
74.3 mm
Height
66 mm
General
Ambient temperature (operation)
-60 °C ... 85 °C
Ambient temperature (storage/transport)
-25 °C ... 55 °C (For a short time, not exceeding 24 h, -60 to +70 °C)
Permissible humidity (storage/transport)
30 % ... 70 %
Ambient temperature (assembly)
-5 °C ... 70 °C
Ambient temperature (actuation)
-5 °C ... 70 °C
Relative insulation material temperature index (Elec., UL 746 B)
130 °C
Temperature index of insulation material (DIN EN 60216-1 (VDE
0304-21))
125 °C


Similar Part No. - 3060393

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3060377 PHOENIX-3060377 Datasheet
373Kb / 34P
Double-level terminal block - UTTB 2,5/2P-PV
09/12/2020
More results

Similar Description - 3060393

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3044636 PHOENIX-3044636 Datasheet
150Kb / 6P
UTTB 2,5
1083611 PHOENIX-1083611 Datasheet
51Kb / 2P
End cover - D-PTTBV 2,5/4
09/12/2020
3038503 PHOENIX-3038503 Datasheet
55Kb / 3P
End cover - D-STTBS 2,5
09/12/2020
3047142 PHOENIX-3047142 Datasheet
56Kb / 3P
End cover - D-UT 2,5/4-TWIN BU
09/12/2020
3047293 PHOENIX-3047293 Datasheet
57Kb / 3P
End cover - D-UTTB 2,5/4
09/12/2020
3206306 PHOENIX-3206306 Datasheet
54Kb / 3P
End cover - D-QTTCB 1,5/2P
09/12/2020
3209522 PHOENIX-3209522 Datasheet
56Kb / 3P
End cover - D-PTU 2,5
09/11/2020
3210608 PHOENIX-3210608 Datasheet
195Kb / 3P
End cover - D-PTTBS 2,5-TWIN
05/06/2022
3211264 PHOENIX-3211264 Datasheet
53Kb / 2P
End cover - D-PTTBS 2,5/2P
09/12/2020
3214534 PHOENIX-3214534 Datasheet
44Kb / 2P
End cover - D-PTTBS 1,5/S/2P
11/26/13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com