Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A42 Datasheet(PDF) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

Part # A42
Description  TRANSISTOR竊?NPN
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JIANGSU [Jiangsu Changjiang Electronics Technology Co., Ltd]
Direct Link  http://www.cj-elec.com/en/
Logo JIANGSU - Jiangsu Changjiang Electronics Technology Co., Ltd

A42 Datasheet(HTML) 1 Page - Jiangsu Changjiang Electronics Technology Co., Ltd

  A42 Datasheet HTML 1Page - Jiangsu Changjiang Electronics Technology Co., Ltd A42 Datasheet HTML 2Page - Jiangsu Changjiang Electronics Technology Co., Ltd A42 Datasheet HTML 3Page - Jiangsu Changjiang Electronics Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
TO-92 Plastic-Encapsulate Transistors
A42
TRANSISTOR( NPN )
FEATURES
Power dissipation
PCM :
0.625
W(Tamb=25℃)
Collector current
ICM
:
0.5
A
Collector-base voltage
V(BR)CBO : 300
V
Operating and storage junction temperature range
TJ,Tstg: -55℃ to +150℃
ELECTRICAL
CHARACTERISTICS(Tamb=25℃
unless
otherwise
specified)
Parameter
Symbol
Test
conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
Ic= 100μA, IE=0
300
V
Collector-emitter breakdown voltage
V(BR)CEO
Ic=
1 mA, IB=0
300
V
Emitter-base breakdown voltage
V(BR)EBO
IE=
100μA, IC=0
5
V
Collector cut-off current
ICBO
VCB= 200 V
IE=0
0.25
μA
Emitter cut-off current
IEBO
VEB=
5
V, IC=0
0.1
μA
hFE1
VCE= 10 V,
IC= 1 mA
60
hFE2
VCE= 10V, IC = 10 mA
80
250
DC current gain
HFE3
VCE= 10 V,
IC=30 mA
75
Collector-emitter saturation voltage
VCE(sat)
IC= 20 mA,
IB= 2 m A
0.2
V
Base-emitter saturation voltage
VBE(sat)
IC= 20m A,
IB= 2 mA
0.9
V
Transition frequency
fT
VCE=20 V,
IC= 10 mA
f =30MHz
50
MHz
CLASSIFICATION OF hFE(2)
Rank
A
B1
B2
C
Range
80-100
100-150
150-200
200-250
1 2 3
TO—92
1.EMITTER
2.BASE
3.COLLECTOR


Similar Part No. - A42

ManufacturerPart #DatasheetDescription
logo
Daya Electric Group Co....
A42 DAYA-A42 Datasheet
185Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Nanjing International G...
A42 DGNJDZ-A42 Datasheet
455Kb / 4P
   NPN Silicon Epitaxial Planar Transistor
logo
Shenzhen Jin Yu Semicon...
A42 HTSEMI-A42 Datasheet
189Kb / 1P
   TRANSISTOR (NPN)
logo
Nanjing International G...
A42 DGNJDZ-A42 Datasheet
1Mb / 5P
   TO-92 Plastic-Encapsulate Transistors
logo
SHENZHEN YONGERJIA INDU...
A42 WINNERJOIN-A42 Datasheet
146Kb / 4P
   NPN Silicon Epitaxial Planar Transistor
More results

Similar Description - A42

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
S9011 JIANGSU-S9011 Datasheet
125Kb / 2P
   TRANSISTOR竊?NPN 竊
S9011LT1 JIANGSU-S9011LT1 Datasheet
131Kb / 2P
   TRANSISTOR竊?NPN 竊
KSC2331-TO-92L JIANGSU-KSC2331-TO-92L Datasheet
80Kb / 1P
   TRANSISTOR竊?NPN 竊
3DD13002-TO-251 JIANGSU-3DD13002-TO-251 Datasheet
877Kb / 3P
   TRANSISTOR竊?NPN 竊
3DD13001-TO-92 JIANGSU-3DD13001-TO-92 Datasheet
328Kb / 3P
   TRANSISTOR竊?NPN 竊
3DD13001-TO-251 JIANGSU-3DD13001-TO-251 Datasheet
104Kb / 2P
   TRANSISTOR竊?NPN 竊
FMMT4124 JIANGSU-FMMT4124 Datasheet
407Kb / 3P
   TRANSISTOR竊?NPN 竊
C2611-TO-251 JIANGSU-C2611-TO-251 Datasheet
188Kb / 3P
   TRANSISTOR竊?NPN 竊
M8050 JIANGSU-M8050 Datasheet
260Kb / 3P
   TRANSISTOR 竊?NPN 竊
C1815LT1 JIANGSU-C1815LT1 Datasheet
131Kb / 2P
   TRANSISTOR竊?NPN 竊
logo
Avic Technology
AV945LT1 AVICTEK-AV945LT1 Datasheet
258Kb / 2P
   TRANSISTOR竊?NPN 竊
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com