Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

0011390303 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 0011390303
Description  IDT - Manual - Handtool
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

0011390303 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  0011390303 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 05/25/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
0011390303
Status:
Active
Description:
IDT - Manual - Handtool
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Application Tooling
Series
T9999
Comments
Module for 4.19mm
Function
Insulation Displacement (IDT)
Geographic Area
Global
Level of Automation
Manual
More Detailed Tech Information
applicationtooling@molex.com
Product Name
N/A
Tool Type
Handtool
UPC
800754248648
Warranty Disclaimer
CAUTION: Molex tooling crimp specifications are
valid only when used with Molex terminals and tooling
manufactured by Molex and sold by Molex or authorized
distributors ("Molex Tooling"). When using tooling
other than Molex Tooling with Molex specific connector
systems listed in our ATS documents, the Molex tooling
qualification does not apply and the responsibility for
full qualification of the connector system is that of the
customer. Molex accepts no liability for connector
performance or tooling support where tooling other
than Molex Tooling is used or where Molex Tooling is
modified.
Physical
Net Weight
0.001/g
Material Info
Engineering Number
AM63534
Reference - Drawing Numbers
Application Tooling Documents
AM63534
Series image - Reference only
EU ELV
Not Reviewed
EU RoHS
China RoHS
Not Reviewed
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Reviewed
ELV
Not Reviewed
RoHS Phthalates
Not Reviewed
Search Parts in this Series
T9999 Series
Use With
63600-0478 , 11-31-1570
This document was generated on 05/25/2017
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 0011390303

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0011390303 MOLEX11-0011390303 Datasheet
29Kb / 1P
IDT - Manual - Handtool
More results

Similar Description - 0011390303

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
11-21-9756 MOLEX11-11-21-9756 Datasheet
28Kb / 1P
IDT - Manual - Handtool
0011215196 MOLEX11-0011215196 Datasheet
28Kb / 1P
IDT - Manual - Handtool
0011316379 MOLEX11-0011316379 Datasheet
23Kb / 1P
IDT - Manual - Handtool
0011390303 MOLEX11-0011390303 Datasheet
29Kb / 1P
IDT - Manual - Handtool
11-32-6027 MOLEX11-11-32-6027 Datasheet
28Kb / 1P
IDT - Manual - Handtool
62100-0300 MOLEX11-62100-0300 Datasheet
29Kb / 1P
IDT - Manual - Handtool
0621000400 MOLEX11-0621000400 Datasheet
46Kb / 1P
IDT Manual Handtool
0636000478 MOLEX11-0636000478 Datasheet
28Kb / 1P
IDT Manual Handtool
0011326027 MOLEX-0011326027 Datasheet
28Kb / 1P
IDT - Manual - Handtool
11/17/2017
0621000300 MOLEX-0621000300 Datasheet
28Kb / 1P
IDT - Manual - Handtool
08/26/2022
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com