Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6190 Datasheet(PDF) 13 Page - Maxim Integrated Products

Part # MAX6190
Description  Precision, Micropower, Low-Dropout Voltage References
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6190 Datasheet(HTML) 13 Page - Maxim Integrated Products

Back Button MAX6190_V01 Datasheet HTML 6Page - Maxim Integrated Products MAX6190_V01 Datasheet HTML 7Page - Maxim Integrated Products MAX6190_V01 Datasheet HTML 8Page - Maxim Integrated Products MAX6190_V01 Datasheet HTML 9Page - Maxim Integrated Products MAX6190_V01 Datasheet HTML 10Page - Maxim Integrated Products MAX6190_V01 Datasheet HTML 11Page - Maxim Integrated Products MAX6190_V01 Datasheet HTML 12Page - Maxim Integrated Products MAX6190_V01 Datasheet HTML 13Page - Maxim Integrated Products MAX6190_V01 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
Package Information
For the latest package outline information and land patterns (foot-
prints), go to www.maximintegrated.com/packages. Note that a
“+”, “#”, or “-” in the package code indicates RoHS status only.
Package drawings may show a different suffix character, but the
drawing pertains to the package regardless of RoHS status.
MAX6190–MAX6195/MAX6198
Precision, Micropower,
Low-Dropout Voltage References
13
Maxim Integrated
IN
VS
2VS
-2VS
OUT
+REF OUTPUT
OUTPUT
-REF OUTPUT
10nF
1M
Ω, 0.1%
1M
Ω, 0.1%
GND
MAX6190–
MAX6195
MAX6198
VCC
V+
GND
MAX681
V-
V+
V-
ICL7652
Figure 1. Positive and Negative References from Single 3V or 5V Supply
Typical Operating Circuit
IN
+SUPPLY INPUT (SEE SELECTOR GUIDE ON FIRST PAGE)
OUT
REFERENCE
OUT
2.2nF MAX
*
*CAPACITORS ARE OPTIONAL
GND
MAX6190–
MAX6195
MAX6198
*
Ordering Information (continued)
Chip Information
PROCESS: BiCMOS
+
Denotes a lead(Pb)-free /RoHS-compliant package.
/V denotes an automotive qualified part.
PART
TEMP RANGE
PIN-PACKAGE
MAX6193AESA+
-40°C to +85°C
8 SO
MAX6193BESA+
-40°C to +85°C
8 SO
MAX6193CESA+
-40°C to +85°C
8 SO
MAX6194AESA+
-40°C to +85°C
8 SO
MAX6194BESA+
-40°C to +85°C
8 SO
MAX6194CESA+
-40°C to +85°C
8 SO
MAX6195AESA+
-40°C to +85°C
8 SO
MAX6195BESA+
-40°C to +85°C
8 SO
MAX6195CESA+
-40°C to +85°C
8 SO
MAX6198AESA+
-40°C to +85°C
8 SO
MAX6198BESA+
-40°C to +85°C
8 SO
MAX6198CESA+
-40°C to +85°C
8 SO
MAX6198AESA/V+
-40°C to +85°C
8 SO
PACKAGE
TYPE
PACKAGE
CODE
OUTLINE
NO.
LAND
PATTERN NO.
8 SO
S8+2
21-0041
90-0096


Similar Part No. - MAX6190_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6190A MAXIM-MAX6190A Datasheet
232Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190AESA MAXIM-MAX6190AESA Datasheet
232Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190B MAXIM-MAX6190B Datasheet
232Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190BESA MAXIM-MAX6190BESA Datasheet
232Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190C MAXIM-MAX6190C Datasheet
232Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
More results

Similar Description - MAX6190_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
REF191 AD-REF191 Datasheet
616Kb / 24P
   Precision Micropower, Low Dropout Voltage References
REV. E
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190 Datasheet
293Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190 MAXIM-MAX6190 Datasheet
232Kb / 14P
   Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
logo
Analog Devices
REF19X AD-REF19X Datasheet
649Kb / 28P
   Precision Micropower, Low Dropout Voltage References
Rev. I
logo
Linear Technology
LTC1258 LINER-LTC1258 Datasheet
151Kb / 8P
   Micropower Low Dropout References
LTC1258 LINER-LTC1258_15 Datasheet
139Kb / 8P
   Micropower Low Dropout References
logo
Analog Devices
ADR290 AD-ADR290 Datasheet
199Kb / 15P
   Low Noise Micropower Precision Voltage References
REV. B
logo
Linear Technology
LTC1798 LINER-LTC1798 Datasheet
152Kb / 8P
   Micropower Low Dropout References
LTC1798 LINER-LTC1798_15 Datasheet
881Kb / 10P
   Micropower Low Dropout References
logo
Maxim Integrated Produc...
MAX6061 MAXIM-MAX6061 Datasheet
545Kb / 16P
   Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 1; 4/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com