Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX6190 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX6190
Description  Precision, Micropower, Low-Dropout Voltage References
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX6190 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX6190_V01 Datasheet HTML 4Page - Maxim Integrated Products MAX6190_V01 Datasheet HTML 5Page - Maxim Integrated Products MAX6190_V01 Datasheet HTML 6Page - Maxim Integrated Products MAX6190_V01 Datasheet HTML 7Page - Maxim Integrated Products MAX6190_V01 Datasheet HTML 8Page - Maxim Integrated Products MAX6190_V01 Datasheet HTML 9Page - Maxim Integrated Products MAX6190_V01 Datasheet HTML 10Page - Maxim Integrated Products MAX6190_V01 Datasheet HTML 11Page - Maxim Integrated Products MAX6190_V01 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MAX6190–MAX6195/MAX6198
Precision, Micropower,
Low-Dropout Voltage References
8
Maxim Integrated
ELECTRICAL CHARACTERISTICS—MAX6198
(VIN = 5V, IOUT = 0nA, TA = TMIN to TMAX, unless otherwise noted. Typical values are at TA = +25°C.)
Note 1: Temperature Coefficient is measured by the “box” method; i.e., the maximum
ΔVOUT is divided by the maximum Δt.
Note 2: Thermal Hysteresis is defined as the change in +25°C output voltage before and after cycling the device from TMIN to TMAX.
Note 3: Not production tested. Guaranteed by design.
Note 4: Dropout voltage is the minimum input voltage at which VOUT changes ≤ 0.2% from VOUT at VIN = 5.0V (VIN = 5.5V for MAX6195).
OUTPUT
DYNAMIC
INPUT
µA/V
0.8
2
(VOUT + 0.2V) ≤ VIN ≤ 12.6V
IIN/VIN
Change in Supply Current
µA
27
35
IIN
Quiescent Supply Current
V
VOUT + 0.2
12.6
Guaranteed by line-regulation test
VIN
Supply Voltage Range
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TCVOUT
410
ppm/°C
Output-Voltage Temperature
Coefficient (Note 1)
25
MAX6198C
4.086
4.096
4.106
Line Regulation
ΔVOUT/
ΔVIN
25
160
µV/V
Load Regulation
ΔVOUT/
ΔIOUT
0.15
0.70
µV/µA
MAX6198A
MAX6198B
4.094
4.096
4.098
4.091
4.096
4.101
0.20
0.90
mV
Short-Circuit Current
ISC
4
mA
4
Dropout Voltage (Note 4)
Temperature Hysteresis
(Note 2)
ΔVOUT/
cycle
75
ppm
Long-Term Stability
ΔVOUT/
time
50
ppm/
1000hrs
DYNAMIC
Noise Voltage
eOUT
100
µVP-P
200
µVRMS
Ripple Rejection
VOUT/VIN
77
dB
Turn-On Settling Time
tR
160
µs
Capacitive-Load Stability Range
COUT
0
2.2
nF
INPUT
VIN - VOUT
100
200
CONDITIONS
Sinking: -500µA ≤ IOUT ≤ 0
MAX6198C
Short to GND
MAX6198B
MAX6198A
ΔVOUT ≤ 0.2%, IOUT = 500µA
(VOUT + 0.2V) ≤ VIN ≤ 12.6V
V
Short to IN
Sourcing: 0 ≤ IOUT ≤ 500µA
Output Voltage
1000hrs at +25°C
0.1Hz to 10Hz
10Hz to 10kHz
825
VIN = 5V ±100mV, f = 120Hz
To 0.1%, COUT = 50pF
TA = +25°C
(Note 3)
VOUT
DYNAMIC
INPUT
OUTPUT


Similar Part No. - MAX6190_V01

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6190A MAXIM-MAX6190A Datasheet
232Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190AESA MAXIM-MAX6190AESA Datasheet
232Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190B MAXIM-MAX6190B Datasheet
232Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190BESA MAXIM-MAX6190BESA Datasheet
232Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190C MAXIM-MAX6190C Datasheet
232Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
More results

Similar Description - MAX6190_V01

ManufacturerPart #DatasheetDescription
logo
Analog Devices
REF191 AD-REF191 Datasheet
616Kb / 24P
Precision Micropower, Low Dropout Voltage References
REV. E
logo
Maxim Integrated Produc...
MAX6190 MAXIM-MAX6190 Datasheet
293Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
MAX6190 MAXIM-MAX6190 Datasheet
232Kb / 14P
Precision, Micropower, Low-Dropout Voltage References
Rev 2; 10/01
logo
Analog Devices
REF19X AD-REF19X Datasheet
649Kb / 28P
Precision Micropower, Low Dropout Voltage References
Rev. I
logo
Linear Technology
LTC1258 LINER-LTC1258 Datasheet
151Kb / 8P
Micropower Low Dropout References
LTC1258 LINER-LTC1258_15 Datasheet
139Kb / 8P
Micropower Low Dropout References
logo
Analog Devices
ADR290 AD-ADR290 Datasheet
199Kb / 15P
Low Noise Micropower Precision Voltage References
REV. B
logo
Linear Technology
LTC1798 LINER-LTC1798 Datasheet
152Kb / 8P
Micropower Low Dropout References
LTC1798 LINER-LTC1798_15 Datasheet
881Kb / 10P
Micropower Low Dropout References
logo
Maxim Integrated Produc...
MAX6061 MAXIM-MAX6061 Datasheet
545Kb / 16P
Precision, Micropower, Low-Dropout, High-Output-Current, SOT23 Voltage References
Rev 1; 4/01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com