Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VFM-50 Datasheet(PDF) 4 Page - CUI INC

Part # VFM-50
Description  DC POWER LINE FILTER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VFM-50 Datasheet(HTML) 4 Page - CUI INC

  VFM-50_V01 Datasheet HTML 1Page - CUI INC VFM-50_V01 Datasheet HTML 2Page - CUI INC VFM-50_V01 Datasheet HTML 3Page - CUI INC VFM-50_V01 Datasheet HTML 4Page - CUI INC VFM-50_V01 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
cui.com
date 01/25/2022
│ page 4 of 5
CUI Inc
│ SERIES: VFM-50 │ DESCRIPTION: DC POWER LINE FILTER
APPLICATION CIRCUIT
Figure 1
Application Circuit
Recommended External Circuit Components
FUSE
choose according to power
module datasheet
C0
400 µF / 200 V, electrolytic
CY1, CY2
1 nF / 2 kV
Figure 2
Non-supported Application for Module
Additional Resources: Product Page | PCB Footprint


Similar Part No. - VFM-50_V01

ManufacturerPart #DatasheetDescription
logo
CUI INC
VFM-50-UW CUI-VFM-50-UW Datasheet
810Kb / 7P
   DC POWER LINE FILTER
VFM-50-UW CUI-VFM-50-UW Datasheet
874Kb / 5P
   DC POWER LINE FILTER
01/25/2022
VFM-50-UW-D CUI-VFM-50-UW-D Datasheet
874Kb / 5P
   DC POWER LINE FILTER
01/25/2022
VFM-50-UW-DIN CUI-VFM-50-UW-DIN Datasheet
874Kb / 5P
   DC POWER LINE FILTER
01/25/2022
VFM-50-UW-T CUI-VFM-50-UW-T Datasheet
874Kb / 5P
   DC POWER LINE FILTER
01/25/2022
More results

Similar Description - VFM-50_V01

ManufacturerPart #DatasheetDescription
logo
CUI INC
VFM-30-UW CUI-VFM-30-UW Datasheet
796Kb / 7P
   DC POWER LINE FILTER
VFM-30-UW CUI-VFM-30-UW_V01 Datasheet
863Kb / 5P
   DC POWER LINE FILTER
01/14/2022
VFM-30-W CUI-VFM-30-W_V01 Datasheet
781Kb / 5P
   DC POWER LINE FILTER
01/14/2022
VFM-50-UW CUI-VFM-50-UW_V01 Datasheet
874Kb / 5P
   DC POWER LINE FILTER
01/25/2022
VFM-03 CUI-VFM-03_V01 Datasheet
811Kb / 5P
   DC POWER LINE FILTER
01/25/2022
VFM-70 CUI-VFM-70_V01 Datasheet
776Kb / 5P
   DC POWER LINE FILTER
01/25/2022
VFM-30-W CUI-VFM-30-W Datasheet
793Kb / 7P
   DC POWER LINE FILTER
VFM-70 CUI-VFM-70 Datasheet
787Kb / 7P
   DC POWER LINE FILTER
VFM-03 CUI-VFM-03 Datasheet
1Mb / 7P
   DC POWER LINE FILTER
VFM-50-UW CUI-VFM-50-UW Datasheet
810Kb / 7P
   DC POWER LINE FILTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com